Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80C3 Datasheet(PDF) 111 Page - STMicroelectronics

Part # SPC58EE80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80C3 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button SPC58EE80C3 Datasheet HTML 107Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 108Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 109Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 110Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 111Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 112Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 113Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 114Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 154 page
background image
DS11646 Rev 4
111/154
SPC58EEx, SPC58NEx
Electrical characteristics
128
3.18.2.1.4 DSPI master mode – output only
Note:
In the following table:
•
All DSPI timing specifications apply to pins when using LVDS pads for SCK and SOUT
and CMOS pad for PCS with pad driver strength as defined. Timing may degrade for weaker
output drivers.
•
TSB = 1 or ITSB = 1 automatically selects MTFE = 1 and CPHA = 1.
Note:
In the following table:
•
All output timing is worst case and includes the mismatching of rise and fall times of the
output pads.
•
TSB = 1 or ITSB = 1 automatically selects MTFE = 1 and CPHA = 1.
Table 58. DSPI LVDS master timing – output only – timed serial bus mode
TSB = 1 or ITSB = 1, CPOL = 0 or 1, continuous SCK clock
#
Symbol
C
Characteristic
Condition
Value
Unit
Pad drive
Load
Min
Max
1tSCK CC D SCK cycle time
LVDS
15 pF
to 50 pF
differential(1)
25.0
—
ns
2tCSV CC D
PCS valid after
SCK(2)
(SCK with 50 pF
differential load cap.)
Very strong
25 pF
—
6.0
ns
Strong
50 pF
—
10.5
ns
3tCSH CC D
PCS hold after
SCK(2)
(SCK with 50 pF
differential load cap.)
Very strong
0 pF
–4.0
—
ns
Strong
0 pF
–4.0
—
ns
4tSDC CC D
SCK duty cycle
(SCK with 50 pF
differential load cap.)
LVDS
15 pF
to 50 pF
differential
1/2tSCK –2
1/2tSCK +2
ns
SOUT data valid time (after SCK edge)
5tSUO CC D
SOUT data valid
time from SCK(3)
SOUT and SCK drive strength
LVDS
15 pF
to 50 pF
differential
—3.5
ns
SOUT data hold time (after SCK edge)
6tHO CC D
SOUT data hold time
after SCK(3)
SOUT and SCK drive strength
LVDS
15 pF
to 50 pF
differential
–3.5
—
ns
1. LVDS differential load considered is the capacitance on each terminal of the differential pair, as shown in Figure 12.
2. With TSB mode or Continuous SCK clock mode selected, PCS and SCK are driven by the same edge of DSPI_CLKn. This
timing value is due to pad delays and signal propagation delays.
3. SOUT Data Valid and Data hold are independent of load capacitance if SCK and SOUT load capacitances are the same
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com