Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC58EE80C3 Datasheet(PDF) 122 Page - STMicroelectronics

Part # SPC58EE80C3
Description  32-bit Power Architecture microcontroller for automotive ASIL-D applications
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC58EE80C3 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button SPC58EE80C3 Datasheet HTML 118Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 119Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 120Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 121Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 122Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 123Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 124Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 125Page - STMicroelectronics SPC58EE80C3 Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 154 page
background image
Electrical characteristics
SPC58EEx, SPC58NEx
122/154
DS11646 Rev 4
3.18.4.1
TxEN
Figure 45. TxEN signal
dCCTxENRISE
dCCTxENFALL
TxEN
80 %
20 %
Table 68. TxEN output characteristics
Symbol
C
Characteristic(1) (2)
Value
Unit
Min
Max
dCCTxENRISE25 CC D Rise time of TxEN signal at CC
—
9
ns
dCCTxENFALL25 CC D Fall time of TxEN signal at CC
—
9
ns
dCCTxEN01
CC D
Sum of delay between Clk to Q of the last FF and the final
output buffer, rising edge
—25
ns
dCCTxEN10
CC D
Sum of delay between Clk to Q of the last FF and the final
output buffer, falling edge
—25
ns
1. TxEN pin load maximum 25 pF.
2. Pad configured as VERY STRONG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com