Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04KC Datasheet(PDF) 92 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 92 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 88Page - STMicroelectronics ST25DV04KC Datasheet HTML 89Page - STMicroelectronics ST25DV04KC Datasheet HTML 90Page - STMicroelectronics ST25DV04KC Datasheet HTML 91Page - STMicroelectronics ST25DV04KC Datasheet HTML 92Page - STMicroelectronics ST25DV04KC Datasheet HTML 93Page - STMicroelectronics ST25DV04KC Datasheet HTML 94Page - STMicroelectronics ST25DV04KC Datasheet HTML 95Page - STMicroelectronics ST25DV04KC Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 203 page
background image
7.6.9
Extended Write Single Block
On receiving the Extended Write Single command, the ST25DVxxKC writes the data contained in the request to
the targeted block and reports whether the write operation was successful in the response. When the Option_flag
is set, wait for EOF to respond.
The Inventory_flag must be set to 0.
During the RF write cycle Wt, there should be no modulation (neither 100% nor 10%), otherwise the
ST25DVxxKC may not program correctly the data into the memory. The Wt time is equal to t1nom + N × 302
µs (N is an integer).
Block number is coded on 1 Byte and only first 256 blocks of ST25DV16KC and ST25DV64KC can be addressed
using this command.
Table 119. Extended Write Single request format
Request SOF Request_flags Extended Write Single Block UID (1) Block number
Data
CRC16 Request EOF
-
8 bits
31h
64 bits 16 bits
32 bits 16 bits
-
1. This field is optional.
Request parameters:
•
Request flags
•
UID (optional)
•
Block number (from LSB byte to MSB byte)
•
Data (from LSB byte to MSB byte)
Table 120. Extended Write Single response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter. The response is sent back after the writing cycle.
Table 121. Extended Write Single response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
Response parameter:
•
Error code as Error_flag is set:
–
03h: command option not supported
–
0Fh: error with no information given
–
10h: the specified block is not available
–
12h: the specified block is locked and its contents cannot be changed
–
13h: the specified block was not successfully programmed
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 92/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com