Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04KC Datasheet(PDF) 93 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 93 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 89Page - STMicroelectronics ST25DV04KC Datasheet HTML 90Page - STMicroelectronics ST25DV04KC Datasheet HTML 91Page - STMicroelectronics ST25DV04KC Datasheet HTML 92Page - STMicroelectronics ST25DV04KC Datasheet HTML 93Page - STMicroelectronics ST25DV04KC Datasheet HTML 94Page - STMicroelectronics ST25DV04KC Datasheet HTML 95Page - STMicroelectronics ST25DV04KC Datasheet HTML 96Page - STMicroelectronics ST25DV04KC Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 203 page
background image
Figure 44. Extended Write Single frame exchange between VCD and ST25DVxxKC
SOF
Extended Write
Single request
VCD
EOF
ST25DVxxKC
t1
SOF
Extended Write
Single response
EOF
SOF
Extended Write
Single response
EOF
ST25DVxxKC
Wt
Write sequence
when error
7.6.10
Lock Block
On receiving the Lock block request, the ST25DVxxKC locks the single block value permanently and protects its
content against new writing.
This command is only applicable for the blocks 0 and 1 which may include a CC file.
For a global protection of a area, update accordingly the RFAiSS bits in the system area. The Option_flag is
supported, when set wait for EOF to respond.
The Inventory_flag must be set to 0.
During the RF write cycle Wt, there should be no modulation (neither 100% nor 10%), otherwise the
ST25DVxxKC may not lock correctly the single block value in memory. The Wt time is equal to t1nom + N ×
302 µs (N is an integer).
Table 122. Lock block request format
Request SOF
Request_flags
Lock block
UID (1)
block number
CR7C16
Request EOF
-
8 bits
22h
64 bits
8 bits
16 bits
-
1. This field is optional.
Request parameter:
•
Request Flags
•
UID (optional)
•
Only block numbers 0 and 1 are allowed to protect the CCFile in case of NDEF (from LSB byte to MSB byte)
Table 123. Lock block response format when Error_flag is NOT set
Response SOF
Response_flags
CRC16
Response EOF
-
8 bits
16 bits
-
Response parameter:
•
No parameter
Table 124. Lock block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 93/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com