Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04KC Datasheet(PDF) 97 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 93Page - STMicroelectronics ST25DV04KC Datasheet HTML 94Page - STMicroelectronics ST25DV04KC Datasheet HTML 95Page - STMicroelectronics ST25DV04KC Datasheet HTML 96Page - STMicroelectronics ST25DV04KC Datasheet HTML 97Page - STMicroelectronics ST25DV04KC Datasheet HTML 98Page - STMicroelectronics ST25DV04KC Datasheet HTML 99Page - STMicroelectronics ST25DV04KC Datasheet HTML 100Page - STMicroelectronics ST25DV04KC Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 203 page
background image
7.6.13
Extended Read Multiple Blocks
When receiving the Extended Read multiple block command, the ST25DVxxKC reads the selected blocks and
sends back their value in multiples of 32 bits in the response. The blocks are numbered from 00h to last block of
memory in the request and the value is minus one (-1) in the field. For example, if the “Number of blocks” field
contains the value 06h, seven blocks are read. The maximum number of blocks is fixed at 2047. Extended Read
Multiple Blocks command can cross areas borders, and returns all blocks until reaching a non readable block
(block read protected or out of memory). When the Option_flag is set, the response returns the Block Security
Status.
The Inventory_flag must be set to 0.
Block number is coded on 2 Bytes so all memory blocks of ST25DV16KC and ST25DV64KC can be addressed
using this command.
Table 132. Extended Read Multiple Block request format
Request
SOF
Request_flags
Extended
Read
Multiple
Block
UID (1)
First block
number
Number of
blocks
CRC16
Request
EOF
-
8 bits
33h
64 bits
16 bits
16 bits
16 bits
-
1. This field is optional.
Request parameters:
•
Request flags
•
UID (optional)
•
First block number (from LSB byte to MSB byte)
•
Number of blocks (from LSB byte to MSB byte)
Table 133. Extended Read Multiple Block response format when Error_flag is NOT set
Response SOF
Response_
flags
Block security
status (1)
Data
CRC16
Response EOF
-
8 bits
8 bits (2)
32 bits (2)
16 bits
-
1. This field is optional.
2. Repeated as needed.
Response parameters:
•
Block security status if Option_flag is set (see Table 130)
•
N blocks of data
Table 134. Block security status
b7
b6
b5
b4
b3
b2
b1
b0
Reserved for future use.
All at 0
0: Current block not locked
1: Current block locked
Table 135. Extended Read Multiple Block response format when Error_flag is set
Response SOF
Response_flags
Error code
CRC16
Response EOF
-
8 bits
8 bits
16 bits
-
ST25DV04KC ST25DV16KC ST25DV64KC
RF commands
DS13519 - Rev 3
page 97/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com