Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04KC Datasheet(PDF) 27 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 27 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 23Page - STMicroelectronics ST25DV04KC Datasheet HTML 24Page - STMicroelectronics ST25DV04KC Datasheet HTML 25Page - STMicroelectronics ST25DV04KC Datasheet HTML 26Page - STMicroelectronics ST25DV04KC Datasheet HTML 27Page - STMicroelectronics ST25DV04KC Datasheet HTML 28Page - STMicroelectronics ST25DV04KC Datasheet HTML 29Page - STMicroelectronics ST25DV04KC Datasheet HTML 30Page - STMicroelectronics ST25DV04KC Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 203 page
background image
Figure 13. Fast transfer mode mailbox access management.
Watchdog trig
I2C
read
full
msg
RF
read
full
msg
I2C read
MB_CTRL_Dyn
RF read
MB_CTRL_Dyn
FTM disabled
MB_CTRL_Dyn=00h
No access
FTM enabled
Mailbox empty
MB_CTRL_Dyn=01h
R/W access
FTM enabled
RF Message
MB_CTRL_Dyn=85h
Read access
FTM enabled
Mailbox free
MB_CTRL_Dyn=41/81h
R/W access
FTM enabled
I2C Message
MB_CTRL_Dyn=43h
Read access
MB_EN=00h or
VCC OFF
FTM enabled
Mailbox free
MB_CTRL_Dyn=61/91h
R/W access
MB_EN=00h or
VCC OFF
MB_EN=00h or
VCC OFF
VCC ON and
MB_EN=01h
I2C write msg
RF write msg
I2C read msg
RF read msg
Watchdog trig
Mailbox free
Note:
Assuming MB_MODE=1b
Assuming no error occurred
ST25DV04KC ST25DV16KC ST25DV64KC
Fast transfer mode (FTM)
DS13519 - Rev 3
page 27/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com