Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25DV04KC Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST25DV04KC
Description  Dynamic NFC/RFID tag IC with 4-Kbit, 16-Kbit or 64-Kbit EEPROM, fast transfer mode capability and optimized I2C
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25DV04KC Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST25DV04KC Datasheet HTML 17Page - STMicroelectronics ST25DV04KC Datasheet HTML 18Page - STMicroelectronics ST25DV04KC Datasheet HTML 19Page - STMicroelectronics ST25DV04KC Datasheet HTML 20Page - STMicroelectronics ST25DV04KC Datasheet HTML 21Page - STMicroelectronics ST25DV04KC Datasheet HTML 22Page - STMicroelectronics ST25DV04KC Datasheet HTML 23Page - STMicroelectronics ST25DV04KC Datasheet HTML 24Page - STMicroelectronics ST25DV04KC Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 203 page
background image
4.5
Fast transfer mode mailbox
ST25DVxxKC fast transfer mode uses a dedicated mailbox buffer for transferring messages between RF and I2C
worlds. This mailbox contains up to 256 Bytes of data which are filled from the first byte.
Fast transfer mode mailbox is accessed in bytes from both RF and I2C.
In RF, mailbox is read via a dedicated (Fast) Read Message command. Read can start from any address value
inside the mailbox, between 00h and FFh. Writing in the mailbox is done via the (Fast) Write Message command
in one shot, always starting at mailbox address 00h. No password is needed to access mailbox from RF, but fast
transfer mode must be enabled.
In I2C, mailbox read can start from any address value between 2008h and 2107h. Write mailbox MUST start from
address 2008h to a max of 2107h. No password is needed to access mailbox from I2C, but fast transfer mode
must be enabled.
The table below shows the map of fast transfer mode mailbox, as seen by RF interface and by I2C interface.
Table 15. Fast transfer mode mailbox memory map
RF access
Fast transfer mode buffer
I2C access
Address
Type
Name
Function
Device
select
Address
Type
00h
R/W
MB_Dyn Byte 0
Fast transfer mode buffer (256-Bytes)
E2=0, E1=1
2008h
R/W
01h
R/W
MB_Dyn Byte 1
E2=0, E1=1
2009h
R/W
…
…
…
E2=0, E1=1
...
...
FEh
R/W
MB_Dyn Byte 254
E2=0, E1=1
2106h
R/W
FFh
R/W
MB_Dyn Byte 255
E2=0, E1=1
2107h
R/W
ST25DV04KC ST25DV16KC ST25DV64KC
Fast transfer mode mailbox
DS13519 - Rev 3
page 21/203



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com