Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25232ATCH/V+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX25232ATCH/V+
Description  36V, 3A Mini Buck Converters with 3.5關A IQ
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25232ATCH/V+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX25232ATCH/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Pin Description (continued)
PIN
NAME
FUNCTION
2
EN
High-Voltage-Compatible Enable Input. If this pin is low, the part is off.
3
BST
Bootstrap Pin for HS Driver. It is recommended to use 0.1μF from BST to LX.
4
SUP
Supply Input. Connect a 4.7μF ceramic capacitor from SUP to PGND.
5
LX
Buck Switching Node. Connect inductor between LX and OUT. See the Inductor Selection section.
If the part is off, this node is high impedance.
6
PGND
Power Ground. Ground return path for all high-current/high-frequency noisy signals.
7
AGND
Analog Ground. Ground return path for all ‘quiet’ signals.
8
FB
Connect this pin to BIAS for fixed output voltage options. For MAX25232ATCF and
MAX25232ATCG, use it as a FB pin to set the output voltage.
9
OUT
Buck Regulator Output-Voltage-Sense Input. Bypass OUT to PGND with ceramic capacitors.
10
BIAS
5V Internal Bias Supply. Connect a 1μF (min) ceramic capacitor to AGND.
11
SYNC
Sync Input. If connected to ground or open, skip-mode operation is enabled under light loads; if
connected to BIAS, forced-PWM mode is enabled. This pin has a 1MΩ internal pulldown.
12
PGOOD
Open-Drain Reset Output. External pullup required.
-
EP
Exposed Pad. EP must be connected to ground plane on PCB, but is not a current-carrying path
and is only needed for thermal transfer.
MAX25232
36V, 3A Mini Buck Converters with 3.5μA IQ
www.maximintegrated.com
Maxim Integrated | 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com