Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25232ATCH/V+ Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX25232ATCH/V+
Description  36V, 3A Mini Buck Converters with 3.5關A IQ
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25232ATCH/V+ Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX25232ATCH/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 9Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 14Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 15Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 16Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Applications Information
Setting the Output Voltage
MAX25232 comes with fixed VOUT options (set internally) of 5V and 3.3V. For setting the output voltage between 3V
- 10V externally using resistor-dividers, chose MAX25232ATCF and MAX25232ATCG. Connect a resistor-divider from
output (OUT) to FB to AGND (see Figure 1). Select RFB2 (FB to AGND resistor) ≤ 500kΩ. Calculate RFB1 (OUT to FB
resistor) with the following equation:
RFB1 = RFB2
[[VOUT
VFB
]−1
]
where VFB = 1V (see Electrical Characteristics).
Other fixed-output voltage options (set internally) between 3V - 5.5V in 50mV steps are also available. Contact the factory
if your application requires fixed output voltage in this range.
MAX25232ATCF
MAX25232ATCG
FB
RFB1
RFB2
VOUT
Figure 1. Setting the Output Voltage with External Resistor-Dividers
Input Capacitor
A 4.7μF low-ESR ceramic input capacitor is recommended for proper device operation. This value can be adjusted based
on application input-voltage-ripple requirements.
The discontinuous input current of the buck converter causes large input-ripple current. Switching frequency, peak
inductor current, and the allowable peak-to-peak input-voltage ripple dictate the input-capacitance requirement.
Increasing the switching frequency or the inductor value lowers the peak-to-average current ratio, yielding a lower input-
capacitance requirement. The input ripple is mainly comprised of ΔVQ (caused by the capacitor discharge) and ΔVESR
(caused by the ESR of the input capacitor). The total voltage ripple is the sum of ΔVQ and ΔVESR. Assume that input-
voltage ripple from the ESR and the capacitor discharge is equal to 50% each. The following equations show the ESR
and capacitor requirement for a target voltage ripple at the input:
Equation 1:
MAX25232
36V, 3A Mini Buck Converters with 3.5μA IQ
www.maximintegrated.com
Maxim Integrated | 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com