Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25232ATCH/V+ Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX25232ATCH/V+
Description  36V, 3A Mini Buck Converters with 3.5關A IQ
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25232ATCH/V+ Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX25232ATCH/V+ Datasheet HTML 10Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 11Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 12Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 13Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 14Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 15Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 16Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 17Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 18Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
COUT =
∆ IP−P
8 × ∆ VQ × fSW
where:
∆ IP − P =
(VIN − VOUT) × VOUT
VIN × fSW × L
and:
VOUT_RIPPLE = ∆ VESR + ∆ VQ
ΔIP-P is the peak-to-peak inductor current as calculated above, and fSW is the converter’s switching frequency. The
allowable deviation of the output voltage during fast transient loads also determines the output capacitance and its ESR.
The output capacitor supplies the step-load current until the converter responds with a greater duty cycle. The resistive
drop across the output capacitor’s ESR and the capacitor discharge causes a voltage droop during a step load. Use a
combination of low-ESR tantalum and ceramic capacitors for better transient-load and ripple/noise performance. Keep
the maximum output-voltage deviations below the tolerable limits of the electronics being powered. When using a ceramic
capacitor, assume an 80% and 20% contribution from the output-capacitance discharge and the ESR drop, respectively.
Use the following equations to calculate the required ESR and capacitance value:
Equation 3:
ESROUT =
∆ VESR
ISTEP
COUT ≥ ISTEP
2 ×
L
2 × (VSUP − VOUT) × DMAX × ∆ VQ
+ ISTEP ×
tDELAY
∆ VQ
where ISTEP is the load step and tDELAY is the delay for the PWM mode, the worst-case delay would be (1-D) tSW when
the load step occurs right after a turn-on cycle. This delay is higher in skip mode.
PCB Layout Guidelines
Careful PCB layout is critical to achieve low switching power losses and clean, stable operation. Use a multilayer board
whenever possible for better noise immunity. Follow the guidelines below for a good PCB layout:
1. Place the input capacitor (CIN) close to the device to reduce the input AC-current loop. AC current flows on the loop
formed by the input capacitor and the half-bridge MOSFETs internal to the device (see Figure 2). A small loop would
reduce the radiating effect of high switching currents and improve EMI functionality.
2. Solder the exposed pad to a large copper-plane area under the device. To effectively use this copper area as heat
exchanger between the PCB and ambient, expose the copper area on the top and bottom side. Add a few small vias
or one large via on the copper pad for efficient heat transfer.
3. Connect PGND and AGND pins directly to the exposed pad under the IC. This ensures the shortest connection path
between AGND and PGND.
4. Keep the power traces and load connections short. This practice is essential for high efficiency. Use thick copper
PCB to enhance full-load efficiency and power-dissipation capability.
5. Using internal PCB layers as ground plane helps to improve the EMI functionality as ground planes act as a shield
against radiated noise. Have multiple vias spread around the board, especially near the ground connections to have
better overall ground connection.
6. Keep the bias capacitor (CBIAS) close to the device to reduce the bias current loop. This helps to reduce noise on the
bias for smoother operation.
MAX25232
36V, 3A Mini Buck Converters with 3.5μA IQ
www.maximintegrated.com
Maxim Integrated | 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com