Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25232ATCH/V+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX25232ATCH/V+
Description  36V, 3A Mini Buck Converters with 3.5關A IQ
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25232ATCH/V+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX25232ATCH/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
General Description
The MAX25232 is a small, synchronous buck converter
with integrated high-side and low-side switches. The de-
vice is designed to deliver up to 3A with 3.5V to 36V input
voltages while using only 3.5µA quiescent current at no
load.
The device provides an accurate output voltage of ±2%
in FPWM mode within the normal 6V to 18V operation in-
put range. With 65ns minimum on-time capability, the con-
verter is capable of large input-to-output conversion ra-
tios. Voltage quality can be monitored by observing the
PGOOD signal. The device can operate in dropout by run-
ning at 99% duty cycle, making it ideal for automotive and
industrial applications. The IC comes in fixed output volt-
age and adjustable output voltage (MAX25232ATCF and
MAX25232ATCG only) options. For MAX25232ATCF and
MAX25232ATCG, output voltage can be set between 3V
and 10V using an external resistor-divider. Frequency is
internally fixed at 2.1MHz, which allows for small external
components and reduced output ripple, and guarantees
no AM interference. A 400kHz option is also offered to pro-
vide minimum switching losses and maximum efficiency.
The device automatically enters skip mode at light loads
with ultra-low 3.5µA quiescent current at no load. The de-
vice offers pin-enabled spread-spectrum-frequency mod-
ulation designed to minimize EMI-radiated emissions due
to the modulation frequency.
The MAX25232 variants are available in a small (3mm x
3mm) 12-pin TDFN package with an exposed pad, and re-
quires very few external components.
Applications
● Automotive
● Industrial
● High-Voltage DC-DC Converters
Benefits and Features
● Synchronous DC-DC Converter with Integrated FETs
• MAX25232ATCA/ATCB/ATCG/ATCH = 2.5A IOUT
• MAX25232ATCD/ATCE/ATCF = 3A IOUT
• 3.5μA Quiescent Current in Standby Mode
● Small Solution Size Saves Space
• 65ns Minimum On-Time
• 2.1MHz or 400kHz Operating Frequency
• Fixed 5V/3.3V Output Voltage with ±2% Output
Accuracy in FPWM Mode (5V/3.3V)
• Other Fixed VOUT Options Between 3V - 5.5V (in
50mV steps) Available for Precise Output Voltage
Setting
• External Resistor Divider Options to Adjust the
Output Voltage Between 3V and 10V
• Fixed 3.5ms Internal Soft-Start
• Innovative Current-Mode-Control Architecture
Minimizes Total Board Space and BOM Count
● PGOOD Output and High-Voltage EN Input Simplify
Power Sequencing
● Protection Features and Operating Range Ideal for
Automotive Applications
• 3.5V to 36V Operating VIN Range
• 40V Load-Dump Protection
• 99% Duty-Cycle Operation with Low Dropout
• -40°C to +125°C Automotive Temperature Range
• AEC-Q100 Qualified
Ordering Information appears at end of data sheet.
Click here to ask about the production status of specific part numbers.
MAX25232
36V, 3A Mini Buck Converters with 3.5μA IQ
19-100723; Rev 3; 4/21


Similar Part No. - MAX25232ATCH/V+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX25232ATCH MAXIM-MAX25232ATCH Datasheet
571Kb / 21P
36V, 3A Mini Buck Converters with 3.5μA IQ
Rev 1; 10/20
More results

Similar Description - MAX25232ATCH/V+

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM20333A NSC-LM20333A Datasheet
541Kb / 22P
36V, 3A Synchronous Buck Regulator with Frequency Synchronization
logo
Maxim Integrated Produc...
MAX25232 MAXIM-MAX25232 Datasheet
571Kb / 21P
36V, 3A Mini Buck Converters with 3.5μA IQ
Rev 1; 10/20
MAX20077 MAXIM-MAX20077 Datasheet
1Mb / 18P
36V, 2.5A Mini Buck Converters with 3.5μA IQ
Rev 6; 6/19
MAX20079 MAXIM-MAX20079 Datasheet
1Mb / 16P
Automotive 36V 3.5A Buck Converter with 3.5μA Iq
Rev 3; 7/19
MAX20098 MAXIM-MAX20098 Datasheet
638Kb / 28P
Versatile Automotive 36V 2.2MHz Buck Controller with 3.5μA IQ
Rev 15; 12/20
MAX77597 MAXIM-MAX77597 Datasheet
1Mb / 15P
36V, 300mA, Buck Converter with 1.1μA IQ
Rev 1; 4/20
MAX20076E MAXIM-MAX20076E Datasheet
138Kb / 3P
36V, 600mA/1.2A Mini Buck Converter with 3.5關A IQ
MAX25231 MAXIM-MAX25231 Datasheet
691Kb / 16P
36V, 1.2A Mini Buck Converter with 3.5關A IQ
2021
MAX16956 MAXIM-MAX16956_V01 Datasheet
1Mb / 17P
36V, 300mA, Mini Buck Converter with 1.1關A IQ
2021
logo
SG Micro Corp
SGM61630 SGMICRO-SGM61630 Datasheet
1Mb / 23P
60V, 3A Buck Converter with 50μA IQ
MARCH2023 - REV.A.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com