Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX25232ATCH/V+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX25232ATCH/V+
Description  36V, 3A Mini Buck Converters with 3.5關A IQ
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX25232ATCH/V+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX25232ATCH/V+ Datasheet HTML 1Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 2Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 3Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 4Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 5Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 6Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 7Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 8Page - Maxim Integrated Products MAX25232ATCH/V+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Absolute Maximum Ratings
SUP ........................................................................ -0.3V to +40V
EN........................................................................... -0.3V to +40V
BST to LX (Note 1) ................................................................. +6V
BST......................................................................... -0.3V to +45V
FB ...............................................................-0.3V to VBIAS + 0.3V
SYNC..........................................................-0.3V to VBIAS + 0.3V
SPS ............................................................-0.3V to VBIAS + 0.3V
OUT ........................................................................ -0.3V to +18V
PGOOD .................................................................... -0.3V to +6V
PGND to AGND..................................................... -0.3V to +0.3V
BIAS....................................................................... -0.3V to +6.0V
LX Continuous RMS Current ....................................................3A
OUT Short-Circuit Duration...........................................................
ESD Protection Human Body Model.....................................±2kV
Continuous Power Dissipation (TA = +70°C) 12-pin SWTDFN
(derate 24.4mW/°C above +70°C) ..................................1951mW
Storage Temperature Range ..............................-65ºC to +150ºC
Operating Junction Temperature (Note 6) ..........-40ºC to +150ºC
Lead Temperature (Soldering, 10s) .................................. +300ºC
Soldering Temperature (Reflow)....................................... +260ºC
Note 1: LX has internal clamp diodes to PGND/AGND and SUP. Applications that forward bias these diodes should take care not to
exceed the IC’s package power-dissipation limits.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Package Information
12 TDFN
Package Code
TD1233+2C
Outline Number
21-0664
Land Pattern Number
90-0397
THERMAL RESISTANCE, FOUR-LAYER BOARD
Junction-to-Ambient (θJA)
41°C/W
Junction-to-Case Thermal Resistance (θJC)
9°C/W
For the latest package outline information and land patterns (footprints), go to www.maximintegrated.com/packages.
Note that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different
suffix character, but the drawing pertains to the package regardless of RoHS status.
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a
four-layer board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/
thermal-tutorial.
Electrical Characteristics
(VSUP = VEN, VSUP = 14V, VSYNC = 0V, VOUT = 5V, TJ = -40°C to +150°C, unless otherwise noted. (Notes 2 and 5))
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VSUP
3.5
36
V
After Start-Up
3
36
t < 1s
40
Supply Current
ISUP
VEN = low
1
5
µA
MAX25232ATCB,
MAX25232ATCE
No load, no
switching
3.5
8
No load (Note 3)
4.5
MAX25232ATCA,
MAX25232ATCD,
MAX25232ATCH
No load, no
switching
6
10
No load (Note 3)
7.5
MAX25232
36V, 3A Mini Buck Converters with 3.5μA IQ
www.maximintegrated.com
Maxim Integrated | 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com