Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF4SAM3 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # MF4SAM3
Description  MIFARE SAM AV3 secure access module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF4SAM3 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button MF4SAM3 Datasheet HTML 12Page - NXP Semiconductors MF4SAM3 Datasheet HTML 13Page - NXP Semiconductors MF4SAM3 Datasheet HTML 14Page - NXP Semiconductors MF4SAM3 Datasheet HTML 15Page - NXP Semiconductors MF4SAM3 Datasheet HTML 16Page - NXP Semiconductors MF4SAM3 Datasheet HTML 17Page - NXP Semiconductors MF4SAM3 Datasheet HTML 18Page - NXP Semiconductors MF4SAM3 Datasheet HTML 19Page - NXP Semiconductors MF4SAM3 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
NXP Semiconductors
MF4SAM3
MIFARE SAM AV3 secure access module
MF4SAM3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.0 — 2 August 2019
COMPANY PUBLIC
561930
16 / 31
Figure 7. Input characteristic of CLK when the IC is not in reset and of RST_N
Figure 8. Input characteristic of CLK during IC reset
8.3 General and ISO/IEC 7816 I/O interface at ISO/IEC 7816-3: A/5 V, class
B/3 V or class C/1.8 V class operation
Table 9. Electrical characteristics of IC supply current[1]
Conditions: VDD = 1.62 V to 5.5 V; VSS = 0 V; Tamb = -25 °C to +85 °C, unless otherwise specified
Symbol Parameter
Conditions
Supply
voltage
class
Min
Typ
Max
Unit
Supply
Class A: 5 V range
A (5 V)
4.50
5.00
5.50
V
Class B: 3 V range
B (3 V)
2.70
3.00
3.30
V
supply voltage range
Class C: 1.8 V range
C (1.8 V)
1.62
1.80
1.98
V
VDD
operating mode: Reset State
supply current operating
mode
fCLK = 10 MHz, RESET state
A (5 V)
B (3 V)
C (1.8 V)
-
1.20
4.00
mA
IDD
operating mode: typical CPU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com