Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF4SAM3 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MF4SAM3
Description  MIFARE SAM AV3 secure access module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF4SAM3 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MF4SAM3 Datasheet HTML 10Page - NXP Semiconductors MF4SAM3 Datasheet HTML 11Page - NXP Semiconductors MF4SAM3 Datasheet HTML 12Page - NXP Semiconductors MF4SAM3 Datasheet HTML 13Page - NXP Semiconductors MF4SAM3 Datasheet HTML 14Page - NXP Semiconductors MF4SAM3 Datasheet HTML 15Page - NXP Semiconductors MF4SAM3 Datasheet HTML 16Page - NXP Semiconductors MF4SAM3 Datasheet HTML 17Page - NXP Semiconductors MF4SAM3 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
NXP Semiconductors
MF4SAM3
MIFARE SAM AV3 secure access module
MF4SAM3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.0 — 2 August 2019
COMPANY PUBLIC
561930
14 / 31
[1]
The active low RST_N input and outside reset state also the CLK input internally activate a resistive pull-down device to VSS. Accordingly a current is
flowing into the pad at voltages above 0 V. Figure 7 shows this input characteristic. In CLOCKSTOP mode the preferred electrical state on CLK is a LOW
level, in order to minimize the power consumption.
[2]
The CLK input internally has a resistive pull-up device to VDD activated during IC reset. Accordingly a current is flowing out of the pad at voltages below
VDD. Figure 8 shows this input characteristic.
Table 8. Electrical DC characteristics of TP1 and TP2
Conditions: (A) VDD = 1.62 to 1.98 V: VDDAE = VDD;
(B) VDD= 2.2 to 5.5 V (i.e. outside Class C supply range): VDDAE(NOM) = 1.8 V;
VSS = 0 V; Tamb = -25 °C to +85 °C, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIHT
HIGH level input voltage
0.7 VDDAE -
VDDAE + 0.3 V
VILT
LOW level input voltage
-0.3
-
0.25 VDDAE V
IIHD
HIGH level input current
maximum (resistive pull-
down is on)
0.7 VDDAE ≤ VI ≤ VDDAE;
Test conditions for the maximum
absolute value:
VI = VDDAE;
VDDAE = VDDAE(max);
for the minium absolute value:
VI = 0.7 VDDAE;
VDDAE = VDDAE(min)
10
-
100
μA
IILD
LOW level input current
maximum (resistive pull-
down is on)
0 V ≤ VI ≤ 0.3 VDDAE;
Test conditions for the maximum
absolute value:
VI = 0.3 VDDAE;
VDDAE = VDDAE(max);
0
-
20
μA
IILIH3
Leakage input current at
input voltage beyond VDDAE
(resistive pull-down is on)
VDDAE < VI ≤ VDDAE + 0.3 V;
-25 °C ≤ Tamb ≤ 85 °C;
Test conditions:
VI = 2.3 V;
Tamb = +85 °C
-
-
150
μA
-0.3 V ≤ VI < 0 V;
-25 °C ≤ Tamb ≤ +30 °C;
Test conditions:
VI = -0.3 V;
Tamb = +30 °C
0
-
-150
μA
IILIL3
Leakage input current at
input voltage beyond VSS
(resistive pull-down is on)
-0.3 V ≤ VI < 0 V;
+30 °C < Tamb ≤ +85 °C;
Test conditions:
VI = -0.3 V;
Tamb = +85 °C
-
-
-300
μA
VOH2
HIGH level output voltage
IOH2 = -0.1 μA
VDDAE -
0.3
-
-
V
VOL2
LOW level output voltage
IOL2 = 1.2 μA
-
-
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com