Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF4SAM3 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MF4SAM3
Description  MIFARE SAM AV3 secure access module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF4SAM3 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MF4SAM3 Datasheet HTML 16Page - NXP Semiconductors MF4SAM3 Datasheet HTML 17Page - NXP Semiconductors MF4SAM3 Datasheet HTML 18Page - NXP Semiconductors MF4SAM3 Datasheet HTML 19Page - NXP Semiconductors MF4SAM3 Datasheet HTML 20Page - NXP Semiconductors MF4SAM3 Datasheet HTML 21Page - NXP Semiconductors MF4SAM3 Datasheet HTML 22Page - NXP Semiconductors MF4SAM3 Datasheet HTML 23Page - NXP Semiconductors MF4SAM3 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
NXP Semiconductors
MF4SAM3
MIFARE SAM AV3 secure access module
MF4SAM3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.0 — 2 August 2019
COMPANY PUBLIC
561930
20 / 31
9.2 Non-Volatile memory
Table 12. Non-volatile memory characteristics
Conditions: VDD = 1.62 V to 5.5 V; VSS = 0 V; Tamb = -25°C to +85 °C, unless otherwise specified
Symbol Parameter
Conditions
Min
Typ[1]
Max
Unit
tEEP
EEPROM erase/program time
[2]
-
2.00
-
ms
tEEE
EEPROM erase time
-
1.25
-
ms
tEEW
EEPROM program time
-
0.75
-
ms
tEER
EEPROM data retention time
Tamb = +55 °C
25
-
-
years
NEEC
EEPROM endurance (number of
programming cycles)
5 x 105
-
-
cycles
NEECM EEPROM endurance (maximum
number of programming cycles
applied to the whole memory
block)
20 × 106
100 × 106 -
cycles
[1]
Typical values are only referenced for information. They are subject to change without notice.
[2]
Given value specifies physical access times of EEPROM memory only.
9.3 I2C Slave interface bus timing
Table 13. Non-volatile memory characteristics
Conditions: VDD = 1.62 V to 5.5 V; VSS = 0 V; Tamb = -25°C to +85 °C, unless otherwise specified
Symbol Parameter
Conditions
Min
Max
Unit
fSCL
SCL clock frequency
0
350
kHz
tHD;STA
hold time (repeated) START condition after this period, the first clock pulse is
generated
4000
-
ns
tSU;STA
set-up time for a repeated START
condition
4700
-
ns
tSU;STO
set-up time for STOP condition
4000
-
ns
tLOW
LOW period of the SCL clock
4700
-
ns
tHIGH
HIGH period of the SCL clock
4000
-
ns
tHD;DAT
data hold time
300
3450
ns
tSU;DAT
data set-up time
250
-
ns
tVD,DAT
data valid time
-
3450
ns
tVD,ACK
data vlid acknowledge
-
3450
ns
tr
rise time
SDA and SCL signals
-
1000
ns
tf
fall time
SDA and SCL signals
-
300
ns
tBUF
bus free time between a STOP and
START condition
4700
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com