Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF4SAM3 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MF4SAM3
Description  MIFARE SAM AV3 secure access module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF4SAM3 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MF4SAM3 Datasheet HTML 4Page - NXP Semiconductors MF4SAM3 Datasheet HTML 5Page - NXP Semiconductors MF4SAM3 Datasheet HTML 6Page - NXP Semiconductors MF4SAM3 Datasheet HTML 7Page - NXP Semiconductors MF4SAM3 Datasheet HTML 8Page - NXP Semiconductors MF4SAM3 Datasheet HTML 9Page - NXP Semiconductors MF4SAM3 Datasheet HTML 10Page - NXP Semiconductors MF4SAM3 Datasheet HTML 11Page - NXP Semiconductors MF4SAM3 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
NXP Semiconductors
MF4SAM3
MIFARE SAM AV3 secure access module
MF4SAM3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.0 — 2 August 2019
COMPANY PUBLIC
561930
8 / 31
6 Limiting values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to
VSS (ground = 0 V).
Symbol Parameter
Conditions
Min
Max
Unit
VDD(AMR) supply voltage
-0.5
+6.0
V
VI(AMR)
input voltage
any signal pad
-0.5
VDD +0.5 V
II(AMR)
input current
pads IO1, IO2, IO3 and
TP1, TP2[1]
-
± 15.0
mA
IO
output current
pads IO1, IO2, IO3 and
TP1, TP2[1]
-
± 15.0
mA
Ilu
latch-up current
VI < 0 V or VI > VDD
-
± 100
mA
pads VDD, VSS, CLK,
RST_N, IO1, IO2, IO3
[2] -
± 4.0
kV
electrostatic discharge
voltage (HBM)
TP1, TP2
[3] -
± 2.0
kV
Vesd
electrostatic discharge
voltage (CDM)
all pads
[4] -
± 500
V
Ptot
Total power dissipation
[5] -
1
W
Tstg
Storage temperature
[6] -55
125
℃
[1]
If IO2 and IO3 are available.
[2]
In accordance with ANSI/ESDA/JEDEC JS-001-2011, ESDA/JEDEC Joint Standard for Electrostatic Discharge Sensitivity
Testing - Human Body Model (HBM) - Component Level.
[3]
Only available if enabled via OEF setting.
[4]
In accordance with JEDEC JESD22-C101 for Charged-Device Model (CDM).
[5]
Depending on appropriate thermal resistance of the package.
[6]
Depending on delivery type, refer to NXP Semiconductors General Specification for 12" Wafers (15) and to NXP
Semiconductors Contact & Dual Interface Chip Card Module Specification (16).
CAUTION
This device is sensitive to ElectroStatic Discharge (ESD). Observe
precautions for handling electrostatic sensitive devices.
Such precautions are described in the ANSI/ESD S20.20, IEC/ST 61340-5,
JESD625-A or equivalent standards.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com