Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF4SAM3 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MF4SAM3
Description  MIFARE SAM AV3 secure access module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF4SAM3 Datasheet(HTML) 4 Page - NXP Semiconductors

  MF4SAM3 Datasheet HTML 1Page - NXP Semiconductors MF4SAM3 Datasheet HTML 2Page - NXP Semiconductors MF4SAM3 Datasheet HTML 3Page - NXP Semiconductors MF4SAM3 Datasheet HTML 4Page - NXP Semiconductors MF4SAM3 Datasheet HTML 5Page - NXP Semiconductors MF4SAM3 Datasheet HTML 6Page - NXP Semiconductors MF4SAM3 Datasheet HTML 7Page - NXP Semiconductors MF4SAM3 Datasheet HTML 8Page - NXP Semiconductors MF4SAM3 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
NXP Semiconductors
MF4SAM3
MIFARE SAM AV3 secure access module
MF4SAM3
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2019. All rights reserved.
Product short data sheet
Rev. 3.0 — 2 August 2019
COMPANY PUBLIC
561930
4 / 31
3 Ordering information
Table 1. Ordering information
Package
Type number
Name
Description
Version
MF4SAM3X84/9BA6AU
PCM1.5
contact chip card module (super 35 mm tape format,
8 contact), minimum order quantity: 11.900
SOT658-1
MF4SAM3X84/9BA6AUS
PCM1.5
contact chip card module (super 35 mm tape format,
8 contact), minimum order quantity: 1.000
SOT658-1
MF4SAM3HN/9BA6AU
HVQFN32
plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5 x 5 x 0.85 mm; reel pack; minimum order
quantity: 6.000
SOT617-3
MF4SAM3U15/9BA6AU
wafer
150 mm thickness sawn wafer on film frame carrier (FFC)
NAU000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com