Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1MC-RGU4080500MP0 Datasheet(PDF) 3 Page - Lumileds Lighting Company

Part # L1MC-RGU4080500MP0
Description  LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1MC-RGU4080500MP0 Datasheet(HTML) 3 Page - Lumileds Lighting Company

  L1MC-RGU4080500MP0 Datasheet HTML 1Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 2Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 3Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 4Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 5Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 6Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 7Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 8Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
DS244 LUXEON MultiColor Module 2.5W Product Datasheet 20210428 ©2021 Lumileds Holding B.V. All rights reserved.
2
General Product Information
Product Test Conditions
LUXEON MultiColor Module 2.5W LEDs are tested and binned with a 20ms monopulse of 120mA at a junction temperature,
T
j, of 25ºC.
Part Number Nomenclature
Part numbers for LUXEON MultiColor Module 2.5W follow the convention below:
L 1 M C –
A A A B B C C D D 0 M P 0
Where:
A A A – designates color (R=Red, G=Green, B=Blue or U=Royal Blue)
B B
– designates CCT (22=2200K, 27=2700K, 30=3000K, 40=4000K, 50=5000K, 65=6500K)
C C
– designates CRI (70=70CRI, 80=80CRI, 90=90CRI)
D D
– designates footprint (50=5mm x 5mm)
Therefore, the following part number is used for the Red, Green, Blue, 3000K 80CRI LUXEON MultiColor Module 2.5W LED:
L 1 M C –
R G B 3 0 8 0 5 0 0 M P 0
Lumen Maintenance
Please contact your local Sales Representative or Lumileds Technical Solutions Manager for more information about the long-
term performance of this product.
Environmental Compliance
Lumileds LLC is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON MultiColor
Module 2.5W is compliant to the European Union directives on the restriction of hazardous substances in electronic equipment,
namely the RoHS Directive 2011/65/EU and REACH Regulation (EC) 1907/2006. Lumileds LLC will not intentionally add the
following restricted materials to its products: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or
polybrominated diphenyl ethers (PBDE).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com