Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1MC-RGU4080500MP0 Datasheet(PDF) 4 Page - Lumileds Lighting Company

Part # L1MC-RGU4080500MP0
Description  LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1MC-RGU4080500MP0 Datasheet(HTML) 4 Page - Lumileds Lighting Company

  L1MC-RGU4080500MP0 Datasheet HTML 1Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 2Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 3Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 4Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 5Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 6Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 7Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 8Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS244 LUXEON MultiColor Module 2.5W Product Datasheet 20210428 ©2021 Lumileds Holding B.V. All rights reserved.
3
Performance Characteristics
Product Selection Guide
Table 1 . Product performance of LUXEON MultiColor Module 2 .5W at 120mA, T
j=25ºC .
Color
domInant WaVElEnGtH [1] (nm)
lumInous FluX [2] (lm)
Part
numBEr
mInImum
maXImum
mInImum
tyPICal
Red
618
625
15
18
L1MC-RGB2290500MP0
L1MC-RGB2780500MP0
L1MC-RGB3080500MP0
L1MC-RGU3080500MP0
L1MC-RGB4080500MP0
L1MC-RGU4080500MP0
L1MC-RGB5080500MP0
L1MC-RGB6570500MP0
Green
520
535
30
38
Blue
465
480
7
12
Royal Blue
460
465
6
7.5
White (2200K, 90CRI)
—
—
36
40
White (2700K, 80CRI)
—
—
48
52
White (3000K, 80CRI)
—
—
48
53
White (4000K, 80CRI)
—
—
53
57
White (5000K, 80CRI)
—
—
53
57
White (6500K, 70CRI)
—
—
53
59
Notes for Table 1:
1. Lumileds maintains a tolerance of ±1nm on dominant wavelength measurements.
2. Lumileds maintains a tolerance of ±7.5% on luminous flux measurements.
Optical Characteristics
Table 2 . Optical characteristics for LUXEON MultiColor Module 2 .5W at 120mA, T
j=25°C .
Color
Part
numBEr
tyPICal sPECtral
HalF-WIdtH [1]
(nm)
tyPICal tEmPEraturE
CoEFFICIEnt oF domInant
WaVElEnGtH
(nm/°C)
tyPICal total
InCludEd
anGlE [2]
tyPICal
VIEWInG
anGlE [3]
Red
L1MC-RGBxxxx500MP0
L1MC-RGUxxxx500MP0
15.5
0.05
170°
134°
Green
30.0
0.04
170°
130°
Blue
20.0
0.04
165°
120°
Royal Blue
20.0
0.04
165°
120°
White
—
—
160°
120°
Notes for Table 2:
1. Spectral half-width is the spectral bandwidth at 50% of the peak intensity.
2. Total angle at which 90% of total luminous flux is captured.
3. Viewing angle is the off axis angle from the LED centerline where the luminous intensity is ½ of the peak value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com