Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1MC-RGU4080500MP0 Datasheet(PDF) 13 Page - Lumileds Lighting Company

Part # L1MC-RGU4080500MP0
Description  LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1MC-RGU4080500MP0 Datasheet(HTML) 13 Page - Lumileds Lighting Company

Back Button L1MC-RGU4080500MP0 Datasheet HTML 9Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 10Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 11Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 12Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 13Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 14Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 15Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 16Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 17Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
DS244 LUXEON MultiColor Module 2.5W Product Datasheet 20210428 ©2021 Lumileds Holding B.V. All rights reserved.
12
Color Bin Definitions
Table 6. 3- and 5-step MacAdam ellipse color bin definitions for LUXEON MultiColor Module 2.5W.
nomInal CCt
Color sPaCE
CEntEr PoInt [1]
(cx, cy)
maJor aXIs,
a
mInor aXIs,
b
EllIPsE rotatIon
anGlE, θ
2200K
Single 3-step MacAdam ellipse
(0.5018, 0.4153)
0.00860
0.00400
49.27°
Single 5-step MacAdam ellipse
0.01440
0.00630
2700K
Single 3-step MacAdam ellipse
(0.4578, 0.4101)
0.00810
0.00420
53.70°
Single 5-step MacAdam ellipse
0.01350
0.00700
3000K
Single 3-step MacAdam ellipse
(0.4338, 0.4030)
0.00834
0.00408
53.22°
Single 5-step MacAdam ellipse
0.01390
0.00680
4000K
Single 3-step MacAdam ellipse
(0.3818, 0.3797)
0.00939
0.00402
53.72°
Single 5-step MacAdam ellipse
0.01565
0.00670
5000K
Single 3-step MacAdam ellipse
(0.3447, 0.3553)
0.00822
0.00354
59.62°
Single 5-step MacAdam ellipse
0.01370
0.00590
6500K
Single 3-step MacAdam ellipse
(0.3123, 0.3282)
0.00669
0.00285
58.57°
Single 5-step MacAdam ellipse
0.01115
0.00475
Notes for Table 6:
1. Lumileds maintains a tolerance of ±0.005 on x and y coordinates in the CIE 1931 color space.
Table 7. MacAdam ellipse color bin definitions for LUXEON MultiColor Module 2.5W.
BIn
sdCm
43
3-step McAdam ellipse
44
5-step McAdam ellipse
Figure 7 . 3- and 5-step MacAdam ellipse illustration for Table 6 .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com