Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1MC-RGU4080500MP0 Datasheet(PDF) 14 Page - Lumileds Lighting Company

Part # L1MC-RGU4080500MP0
Description  LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1MC-RGU4080500MP0 Datasheet(HTML) 14 Page - Lumileds Lighting Company

Back Button L1MC-RGU4080500MP0 Datasheet HTML 10Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 11Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 12Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 13Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 14Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 15Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 16Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 17Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 18Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
DS244 LUXEON MultiColor Module 2.5W Product Datasheet 20210428 ©2021 Lumileds Holding B.V. All rights reserved.
13
Dominant Wavelength Bins
Table 8. Dominant wavelength bins for LUXEON MultiColor Module 2.5W at 120mA, T
j=25°C .
Color
BIn
domInant WaVElEnGtH [1] (nm)
mInImum
maXImum
Red
10
618
625
Green
20
520
525
21
525
530
22
530
535
Blue
3A
465
470
30
470
475
31
475
480
Royal Blue
3Z
460
465
Notes for Table 8:
1. Lumileds maintains a tolerance of ±1nm on dominant wavelength measurements.
Forward Voltage Bins
Table 9. Forward voltage bin definitions for LUXEON MultiColor Module 2.5W.
BIn
BIn
ForWard VoltaGE [1] (V
f)
mInImum
maXImum
Red
A
1.80
2.50
Green
B
2.80
3.30
Blue
C
2.80
3.20
Royal Blue
White
Notes for Table 9:
1. Lumileds maintains a tolerance of ±0.1V on forward voltage measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com