Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1MC-RGU4080500MP0 Datasheet(PDF) 1 Page - Lumileds Lighting Company

Part # L1MC-RGU4080500MP0
Description  LUXEON MultiColor Module 2.5W RGBW 4-in-1 versatile package
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

L1MC-RGU4080500MP0 Datasheet(HTML) 1 Page - Lumileds Lighting Company

  L1MC-RGU4080500MP0 Datasheet HTML 1Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 2Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 3Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 4Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 5Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 6Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 7Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 8Page - Lumileds Lighting Company L1MC-RGU4080500MP0 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
IllumInatIon
DS244 LUXEON MultiColor Module 2.5W Product Datasheet ©2021 Lumileds Holding B.V. All rights reserved.
No. E507562
The LUXEON MultiColor Module 2.5W is a 4-in-1 package that makes color
tuning easier. Each channel is individually addressable, enabling a large
color gamut while simplifying the ability of getting just the right color point.
luXEon multiColor
module 2.5W
RGBW 4-in-1 versatile package
FEaturEs and BEnEFIts
PrImary aPPlICatIons
RGBW 4-in-1 module
Wall Grazer
5mm x 5mm
Linear
Individually control each channel
Wall Wash
Decorative


Similar Part No. - L1MC-RGU4080500MP0

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
L1MC-RGB0035000MP0 LUMILEDS-L1MC-RGB0035000MP0 Datasheet
1Mb / 13P
RGB 3-in-1 versatile package
20190311
L1MC-RGB0035010MP0 LUMILEDS-L1MC-RGB0035010MP0 Datasheet
1Mb / 13P
RGB 3-in-1 versatile package
20190311
More results

Similar Description - L1MC-RGU4080500MP0

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
MV5A164 QT-MV5A164 Datasheet
190Kb / 2P
MULTICOLOR BARGRAPH
logo
Fuji Electric
1MBI400S-120 FUJI-1MBI400S-120 Datasheet
365Kb / 4P
1200V / 400A 1 in one-package IGBT Module
1MBI200S-120 FUJI-1MBI200S-120 Datasheet
310Kb / 6P
IGBT MODULE 1200V / 200A / 1 in one package
6MBI10S-120 FUJI-6MBI10S-120_08 Datasheet
314Kb / 6P
IGBT MODULE 1200V / 600 / 1 in one package
1MBI200HH-120L-50 FUJI-1MBI200HH-120L-50 Datasheet
483Kb / 7P
IGBT MODULE 1200V / 200A / 1 in one package
1MBI300HH-120L-50 FUJI-1MBI300HH-120L-50 Datasheet
493Kb / 7P
IGBT MODULE 1200V / 300A / 1 in one package
1MBI400HH-120L-50 FUJI-1MBI400HH-120L-50 Datasheet
502Kb / 7P
IGBT MODULE 1200V / 400A / 1 in one package
logo
Banner Engineering Corp...
TL70 BANNER-TL70_V03 Datasheet
117Kb / 2P
TL70 Multicolor RGB Tower Light Module
TL70 BANNER-TL70_V02 Datasheet
118Kb / 2P
TL70 Multicolor Tower Light Module
logo
Lumileds Lighting Compa...
L1MC-RGB0035000MP0 LUMILEDS-L1MC-RGB0035000MP0 Datasheet
1Mb / 13P
RGB 3-in-1 versatile package
20190311
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com