Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8526ACCZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADMV8526ACCZ-R7
Description  1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8526ACCZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADMV8526ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 27Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 28Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 29Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Data Sheet
ADMV8526
REGISTER DETAILS
analog.com
Rev. 0 | 26 of 31
Address: 0x102, Reset: 0x00, Name: LUT0_MATCH
Table 32. Bit Descriptions for LUT0_MATCH
Bits
Bit Name
Description
Reset
Access
[7:0]
MATCH_LOAD_0
LUT 000: Match.
0x0
R/W
Address: 0x103 to 0x15F, Reset: 0x00
The LUT1 to LUT31 bit field functionality (Register 0x103 through Register 0x15F) is similar to LUT0 (Register 0x100 through Register 0x102),
see Table 12 for the register address information.
Address: 0x300, Reset: 0xE6, Name: INTERP_FC_Y0
Table 33. Bit Descriptions for INTERP_FC_Y0
Bits
Bit Name
Description
Reset
Access
[7:0]
INTERP_FC_Y0
Center Frequency Interpolation Point Y0.
0xE6
R/W
Address: 0x301, Reset: 0xDD, Name: INTERP_FC_Y1
Table 34. Bit Descriptions for INTERP_FC_Y1
Bits
Bit Name
Description
Reset
Access
[7:0]
INTERP_FC_Y1
Center Frequency Interpolation Point Y1.
0xDD
R/W
Address: 0x302, Reset: 0xB9, Name: INTERP_FC_Y2
Table 35. Bit Descriptions for INTERP_FC_Y2
Bits
Bit Name
Description
Reset
Access
[7:0]
INTERP_FC_Y2
Center Frequency Interpolation Point Y2.
0xB9
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com