Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8526ACCZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADMV8526ACCZ-R7
Description  1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8526ACCZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADMV8526ACCZ-R7 Datasheet HTML 11Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 12Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Data Sheet
ADMV8526
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 15 of 31
INTERPOLATION COEFFICIENTS
For reference, the ADMV8526 interpolation coefficients that were
used for device characterization are listed in Table 11. These inter-
polation coefficients are provided as a good starting point for use in
a system. Depending upon the system requirements and allowable
process tolerance, some minor adjustments may be needed to
the interpolation coefficients. For most applications, the device
process tolerance within a particular lot of material allows for one
set of interpolation coefficients, such that interpolation coefficient
calibration only needs to be performed once per lot. Refer to the
Interpolation Coefficient Calibration section for more information on
how to adjust the interpolation coefficients.
Table 11. Interpolation Coefficients
Interpolation Coefficients
Coefficient Bit Field
Narrow
Bandwidth
(7%)
Nominal
Bandwidth
(9%)
Wide
Bandwidth
(11%)
Y0
INTERP_FC_Y0
233
239
246
Y1
INTERP_FC_Y1
196
201
207
Y2
INTERP_FC_Y2
164
169
174
Y3
INTERP_FC_Y3
117
120
123
Y4
INTERP_FC_Y4
89
91
93
Y5
INTERP_FC_Y5
67
68
70
Y6
INTERP_FC_Y6
50
51
52
Y7
INTERP_FC_Y7
38
39
39
Y8
INTERP_FC_Y8
28
28
28
Y9
INTERP_FC_Y9
20
20
20
V0
INTERP_BW_V0
4
0
0
V1
INTERP_BW_V1
17
5
0
V2
INTERP_BW_V2
112
64
16
T0
INTERP_MATCH_T0
1
5
0
T1
INTERP_MATCH_T1
21
30
33
T2
INTERP_MATCH_T2
139
178
239
PRINTED CIRCUIT BOARD (PCB) DESIGN
GUIDELINES
The PCB used to implement the ADMV8526 can use standard
quality dielectric materials between the top metallization layer and
internal ground layer, such as the Isola 370HR. Rogers 4003
or the Rogers 4350 do not have to be used. The characteristic
impedance of the transmission lines to the RF1 and RF2 pins
of the ADMV8526 must be controlled to 50 Ω to ensure optimal
RF performance. Connect the GND pins and exposed pads of the
ADMV8526 directly to the ground plane of the PCB. Use a sufficient
number of via holes to connect the top and bottom ground planes of
the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com