Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8526ACCZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # ADMV8526ACCZ-R7
Description  1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8526ACCZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADMV8526ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 21Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 22Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 23Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 24Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 25Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 26Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
Data Sheet
ADMV8526
REGISTER DETAILS
analog.com
Rev. 0 | 23 of 31
Address: 0x013, Reset: 0x00, Name: FAST_LATCH_DIRECTION
Table 21. Bit Descriptions for FAST_LATCH_DIRECTION
Bits
Bit Name
Description
Reset
Access
[7:1]
RESERVED
Reserved.
0x0
R
0
FAST_LATCH_DIRECTION
Fast Latch Direction. This bit determines which direction to sequence within the fast latch lookup
table. When the direction is set to increment, the internal state machine is set to the start index.
When the direction is set to decrement, the internal state machine is set to the stop index.
0x0
R/W
0: increment.
1: decrement.
Address: 0x014, Reset: 0x00, Name: FAST_LATCH_STATE
Table 22. Bit Descriptions for FAST_LATCH_STATE
Bits
Bit Name
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
[6:0]
FAST_LATCH_STATE
Fast Latch State. Reads back the internal state machine index for fast latch lookup table (SFL mode). This
index is the next location the internal state machine advances to, on the next CS rising edge. The internal
state machine index is set to the start index if the direction is set to increment and is set to the stop index
if the direction set to is decrement. Upon changes to the start index, stop index, and direction, the index
updates accordingly.
0x0
R
Address: 0x020, Reset: 0x00, Name: WR_FC
Table 23. Bit Descriptions for WR_FC
Bits
Bit Name
Description
Reset
Access
[7:0]
FC_LOAD_WR
Write Group: Center Frequency.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com