Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8526ACCZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADMV8526ACCZ-R7
Description  1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8526ACCZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADMV8526ACCZ-R7 Datasheet HTML 13Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 14Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 15Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 16Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 17Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 18Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 19Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 20Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Data Sheet
ADMV8526
REGISTER SUMMARY
analog.com
Rev. 0 | 17 of 31
Table 12. ADMV8526 Register Summary
Reg
Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset RW
0x000 ADI_SPI_
CONFIG_A
[7:0] SOFTRESET_ LSB_FIRST_ ENDIAN_
SDOACTIVE_ SDOACTIVE ENDIAN LSB_
FIRST
SOFTRESET
0x00
R/W
0x001 ADI_SPI_
CONFIG_B
[7:0] SINGLE_
INSTRUCTION
CSB_STALL CONTROLL
ER_
TARGET_
RB
RESERVED
CONTROLLER
_TARGET_
TRANSFER
0x00
R/W
0x003 CHIPTYPE
[7:0]
CHIPTYPE
0x01
R
0x004 PRODUCT_ID_L [7:0]
PRODUCT_ID_L
0x26
R
0x005 PRODUCT_ID_H [7:0]
PRODUCT_ID_H
0x85
R
0x00C VARIANT
[7:0]
RESERVED
VARIANT
0x01
R
0x011 FAST_LATCH_
STOP
[7:0] RESERVED
FAST_LATCH_STOP
0x7F
R/W
0x012 FAST_LATCH_
START
[7:0] RESERVED
FAST_LATCH_START
0x00
R/W
0x013 FAST_LATCH_
DIRECTION
[7:0]
RESERVED
FAST_LATCH_
DIRECTION
0x00
R/W
0x014 FAST_LATCH_
STATE
[7:0] RESERVED
FAST_LATCH_STATE
0x00
R
0x020 WR_FC
[7:0]
FC_LOAD_WR
0x00
R/W
0x021 WR_BW
[7:0]
BW_LOAD_WR
0x00
R/W
0x022 WR_MATCH
[7:0]
MATCH_LOAD_WR
0x00
R/W
0x050 FILTER_
CONFIG
[7:0]
RESERVED
INTERPOLATE 0x00
R/W
0x060 FC_READBACK
[7:0]
FC_READBACK
0x00
R
0x061 BW_READBACK [7:0]
BW_READBACK
0x00
R
0x062 MATCH_
READBACK
[7:0]
MATCH_READBACK
0x00
R
0x100 LUT0_FC
[7:0]
FC_LOAD_0
0x00
R/W
0x101 LUT0_BW
[7:0]
BW_LOAD_0
0x00
R/W
0x102 LUT0_MATCH
[7:0]
MATCH_LOAD_0
0x00
R/W
0x103 LUT1_FC
[7:0]
FC_LOAD_1
0x00
R/W
0x104 LUT1_BW
[7:0]
BW_LOAD_1
0x00
R/W
0x105 LUT1_MATCH
[7:0]
MATCH_LOAD_1
0x00
R/W
0x106 LUT2_FC
[7:0]
FC_LOAD_2
0x00
R/W
0x107 LUT2_BW
[7:0]
BW_LOAD_2
0x00
R/W
0x108 LUT2_MATCH
[7:0]
MATCH_LOAD_2
0x00
R/W
0x109 LUT3_FC
[7:0]
FC_LOAD_3
0x00
R/W
0x10A LUT3_BW
[7:0]
BW_LOAD_3
0x00
R/W
0x10B LUT3_MATCH
[7:0]
MATCH_LOAD_3
0x00
R/W
0x10C LUT4_FC
[7:0]
FC_LOAD_4
0x00
R/W
0x10D LUT4_BW
[7:0]
BW_LOAD_4
0x00
R/W
0x10E LUT4_MATCH
[7:0]
MATCH_LOAD_4
0x00
R/W
0x10F LUT5_FC
[7:0]
FC_LOAD_5
0x00
R/W
0x110 LUT5_BW
[7:0]
BW_LOAD_5
0x00
R/W
0x111 LUT5_MATCH
[7:0]
MATCH_LOAD_5
0x00
R/W
0x112 LUT6_FC
[7:0]
FC_LOAD_6
0x00
R/W
0x113 LUT6_BW
[7:0]
BW_LOAD_6
0x00
R/W
0x114 LUT6_MATCH
[7:0]
MATCH_LOAD_6
0x00
R/W
0x115 LUT7_FC
[7:0]
FC_LOAD_7
0x00
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com