Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV8526ACCZ-R7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADMV8526ACCZ-R7
Description  1.25 GHz to 2.60 GHz Digitally Tunable Band-Pass Filter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV8526ACCZ-R7 Datasheet(HTML) 3 Page - Analog Devices

  ADMV8526ACCZ-R7 Datasheet HTML 1Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 2Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 3Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 4Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 5Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 6Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 7Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 8Page - Analog Devices ADMV8526ACCZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Data Sheet
ADMV8526
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 31
TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE (fCENTER)
1.25
2.60
GHz
BANDWIDTH (3 dB)
9
%
BANDWIDTH ADJUSTABILITY
±2
%
RESOLUTION
1
%
8 bits per filter
REJECTION (20 dB)
Low-Side
0.84 × fCENTER
GHz
High-Side
1.16 × fCENTER
GHz
RE-ENTRY FREQUENCY
>4
GHz
≤30 dB
INSERTION LOSS
4
dB
RETURN LOSS
20
dB
DYNAMIC PERFORMANCE
Input Compression (P0.1dB)
24
dBm
Input Third-Order Intercept (IP3)
43
dBm
Input power (PIN) is 5 dBm, 100 kHz tone separation
Group Delay
3.1
ns
Amplitude Settling Time
2
µs
To within ≤1 dB of static insertion loss
Phase Settling Time
12
µs
To within ≤2° of static phase
Drift Rate
Amplitude
–0.007
dB/°C
At fCENTER = 1.9 GHz
Frequency
–75
ppm/°C
RESIDUAL PHASE NOISE
At 1 MHz Offset
–169
dBc/Hz
At fCENTER = 1.9 GHz
SUPPLY VOLTAGE
VSS
–2.6
–2.5
–2.4
V
VDD
+3.2
+3.3
+3.4
V
SUPPLY CURRENT (STATIC)
Static
VSS Current (ISS)
2
µA
VDD Current (IDD)
125
µA
Dynamic
IDD
fSCLK/4
mA
Where fSCLK is the SCLK toggle frequency in MHz,
for example, continuous serial peripheral interface (SPI)
writing at 10 MHz yields 2.5 mA of dynamic supply
current
LOGIC (RST, CS, SCLK, SDI, SDO, and SFL)
Logic Low
−0.3
0
+0.8
V
Logic High
+1.2
+3.3
+3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com