Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22313 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY22313
Description  Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22313 Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY22313 Datasheet HTML 1Page - Cypress Semiconductor CY22313 Datasheet HTML 2Page - Cypress Semiconductor CY22313 Datasheet HTML 3Page - Cypress Semiconductor CY22313 Datasheet HTML 4Page - Cypress Semiconductor CY22313 Datasheet HTML 5Page - Cypress Semiconductor CY22313 Datasheet HTML 6Page - Cypress Semiconductor CY22313 Datasheet HTML 7Page - Cypress Semiconductor CY22313 Datasheet HTML 8Page - Cypress Semiconductor CY22313 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CY22313
Document #: 38-07434 Rev. *E
Page 4 of 9
Switching Characteristics[3]
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
FPPM
Frequency Error
Part to Part, does not include PCB variation[8]
±5
±10
PPM
Over commercial temperature range[9]
±2
±5
PPM
DC
Output Duty Cycle
Duty cycle for all outputs, measured at VDD/2
45
50
55
%
t3_54, 2.5
54MOUT Rising Edge Slew Rate 20% to 80% of VDD54, VDD54 = 2.5V
0.75
1.2
4.0
V/ns
t3_54, 1.675 54MOUT Rising Edge Slew Rate 20% to 80% of VDD54, VDD54 = 1.675V
0.35
0.5
2.5
V/ns
t4_54, 2.5
54MOUT Falling Edge Slew Rate 80% to 20% of VDD54, VDD54 = 2.5V
0.75
1.2
4.0
V/ns
t4_54, 1.675 54MOUT Falling Edge Slew Rate 80% to 20% of VDD54, VDD54 = 1.675V
0.35
0.5
2.5
V/ns
tCR, tCF
CLK/CLKB Rise and Fall Times
20% to 80% of output voltage
160
400
ps
tCR-CF
CLK/CLKB Rise and Fall
Difference[10]
20% to 80% of output voltage
100
ps
t5
Lock Time[11]
PLL lock time from power-up
1.0
3.0
ms
Phase Noise Specifications
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
Phase Noise
54 MHz at 10-kHz offset
–95
dBc
Phase Noise
53.946 MHz at 10-kHz offset
–92
dBc
Jitter Specifications[3]
Parameter
Description
Conditions
Typ.
Max.
Unit
t6_LCLK
LCLK Jitter[12]
Cycle-Cycle Jitter – 9.216 MHz
250
ps
t6_54, 2.5
54MOUT Jitter[12]
Cycle-Cycle Jitter – 54 MHz, VDD = 2.5V
150
ps
Cycle-Cycle Jitter – 53.946 MHz, VDD = 2.5V
150
ps
t6_54, 1.675
Cycle-Cycle Jitter – 54 MHz, VDD = 1.675V
250
ps
Cycle-Cycle Jitter – 53.946 MHz, VDD = 1.675V
250
ps
t7_LCLK
LCLK 1000 Cycle Jitter[13]
1000 Cycle Jitter – 9.216 MHz
250
ps
t7_54
54MOUT 1000 Cycle Jitter[13]
1000 Cycle Jitter – 54 MHz,
400
ps
1000 Cycle Jitter – 53.946 MHz,
400
ps
t8
CLK/CLKB 1–6 Cycle Jitter[14]
Cycle-Cycle Jitter, 1–6 Cycles, 400 MHz
50
ps
Cycle-Cycle Jitter, 1–6 Cycles, 300 MHz
70
ps
t9
CLK/CLKB Long-term Jitter[15]
Long-term Jitter, 400 MHz
300
ps
Long-term Jitter, 300 MHz
400
ps
t10
CLK/CLKB Duty Cycle Error[16]
Cycle-Cycle Duty Cycle Error, 400 MHz
50
ps
Cycle-Cycle Duty Cycle Error, 300 MHz
70
ps
Notes:
8.
Tested across three lots on same board, PCB boards can vary more than ± 5 PPM.
9.
Crystal should not be heated for this test, only IC.
10. Measured on same pin of a single device.
11. Lock Time shown in Figure 2.
12. LCLK and 54MOUT Cycle-Cycle Jitter shown in Figure 3.
13. LCLK and 54MOUT 1000 Cycle Jitter shown in Figure 4.
14. CLK/CLKB 1-6 Cycle Jitter specification is absolute value of worst case deviation, and is shown in Figure 5 and Figure 6.
15. CLK/CLKB Long Term Jitter shown in Figure 7.
16. CLK/CLKB Duty Cycle Error shown in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com