Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22313 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY22313
Description  Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22313 Datasheet(HTML) 9 Page - Cypress Semiconductor

  CY22313 Datasheet HTML 1Page - Cypress Semiconductor CY22313 Datasheet HTML 2Page - Cypress Semiconductor CY22313 Datasheet HTML 3Page - Cypress Semiconductor CY22313 Datasheet HTML 4Page - Cypress Semiconductor CY22313 Datasheet HTML 5Page - Cypress Semiconductor CY22313 Datasheet HTML 6Page - Cypress Semiconductor CY22313 Datasheet HTML 7Page - Cypress Semiconductor CY22313 Datasheet HTML 8Page - Cypress Semiconductor CY22313 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
CY22313
Document #: 38-07434 Rev. *E
Page 9 of 9
Document History Page
Document Title: CY22313 Two-PLL Clock Generator with Direct Rambus™ (Lite) Support
Document Number: 38-07434
REV.
ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
117092
07/02/02
CKN
New Data Sheet
*A
121365
11/15/02
CKN
Reordered Pin Description table
Changed all 3.3V references to 3.45V
Changed RI_FS min. spec to 60 KOhms
Changed note 4
Inserted max. spec for Edge Rates
Reduced min. spec for Edge Rates on 1.8V and 1.675V outputs
Inserted phase noise specifications
Created separate specs for Jitter, depending on output voltage
Correctly specified CF in Table 1
*B
121773
02/17/03
CKN
Added tPU row to the Recommended Operating Conditions table
*C
125454
05/19/03
CKN
Updated Switching Characteristics table
Added CY22313LF ordering information and corresponding note
*D
127393
06/12/03
RGL
Removed “PRELIMINARY”
Rephrased Note 18 to provide clarity on marking
*E
239051
See ECN
RGL
Corrected the Lead Free Coding in the Ordering Information table



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com