Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22313 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY22313
Description  Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22313 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY22313 Datasheet HTML 1Page - Cypress Semiconductor CY22313 Datasheet HTML 2Page - Cypress Semiconductor CY22313 Datasheet HTML 3Page - Cypress Semiconductor CY22313 Datasheet HTML 4Page - Cypress Semiconductor CY22313 Datasheet HTML 5Page - Cypress Semiconductor CY22313 Datasheet HTML 6Page - Cypress Semiconductor CY22313 Datasheet HTML 7Page - Cypress Semiconductor CY22313 Datasheet HTML 8Page - Cypress Semiconductor CY22313 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
CY22313
Document #: 38-07434 Rev. *E
Page 5 of 9
CLK
CLKB
Vx
Figure 1. Direct Rambus Crossing Point Voltage
VDD
80%
Output stable within PPM spec.
t5
Figure 2. PLL Lock Time
Output
tcycle,i
tcycle,i+1
Figure 3. 54MOUT, LCLK Cycle-to-Cycle Jitter
t6 = tcycle,i - tcycle,i+1
t1000cycle,i
t1000cycle,i+1
...
...
Figure 4. 54MOUT, LCLK 1000 Cycle Jitter
1000 cycles
1000 cycles
t7 = t1000cycle,i - t1000cycle,i+1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com