Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22313 Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY22313
Description  Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22313 Datasheet(HTML) 7 Page - Cypress Semiconductor

  CY22313 Datasheet HTML 1Page - Cypress Semiconductor CY22313 Datasheet HTML 2Page - Cypress Semiconductor CY22313 Datasheet HTML 3Page - Cypress Semiconductor CY22313 Datasheet HTML 4Page - Cypress Semiconductor CY22313 Datasheet HTML 5Page - Cypress Semiconductor CY22313 Datasheet HTML 6Page - Cypress Semiconductor CY22313 Datasheet HTML 7Page - Cypress Semiconductor CY22313 Datasheet HTML 8Page - Cypress Semiconductor CY22313 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CY22313
Document #: 38-07434 Rev. *E
Page 7 of 9
Table 1. Direct Rambus Test Circuit Component Values
Parameter
Description
Value
Tolerance
Unit
RS
Series Resistor
68
±5%
Ω
RP
Parallel Resistor
39
±5%
Ω
CF
Edge-Rate Filter Capacitor[17]
15
±10%
pF
CMID
AC Ground Capacitor
0.01
±20%
µF
RS
RS
RP
RP
ZCH
ZCH
RT = ZCH
RT = ZCH
Measurement Point
Measurement Point
22313
CF
CF
CMID
CMID
Figure 9. Direct Rambus Test Circuit
0.1
µF
All VDD
CLK out
CLOAD
GND
OUTPUTS
Figure 10. LCLK, 54MOUT Output Test Circuits
Ordering Information
Ordering Code
Package
Name
Package Type
Operating Range
Operating Voltages
CY22313ZC
Z24
24-lead TSSOP
Commercial (TA = 0°C to 85°C)
3.45V
CY22313ZCT
Z24
24-lead TSSOP – Tape and Reel
Commercial (TA = 0°C to 85°C)
3.45V
Lead Free
CY22313ZXC
Z24
24-lead TSSOP
Commercial (TA = 0°C to 85°C)
3.45
CY22313ZXCT
Z24
24-lead TSSOP
− Tape and Reel
Commercial (TA = 0°C to 85°C)
3.45
Notes:
17. CF is OPTIONAL filter capacitor for adjusting edge rates and EMI. No filter capacitors are used for characterization and test data.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com