Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY22313 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY22313
Description  Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22313 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY22313 Datasheet HTML 1Page - Cypress Semiconductor CY22313 Datasheet HTML 2Page - Cypress Semiconductor CY22313 Datasheet HTML 3Page - Cypress Semiconductor CY22313 Datasheet HTML 4Page - Cypress Semiconductor CY22313 Datasheet HTML 5Page - Cypress Semiconductor CY22313 Datasheet HTML 6Page - Cypress Semiconductor CY22313 Datasheet HTML 7Page - Cypress Semiconductor CY22313 Datasheet HTML 8Page - Cypress Semiconductor CY22313 Datasheet HTML 9Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Two-PLL Clock Generator with
Direct Rambus™ (Lite) Support
CY22313
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07434 Rev. *E
Revised June 29, 2004
Features
• Two integrated phase-locked loops (PLLs)
• Ultra-accurate PLLs
• Direct Rambus™ clock support
• Two input selects
• 3.45V core; 3.45V, 2.5V, 1.8V, and 1.675V outputs
• 24-pin TSSOP package
Benefits
• High-performance PLL tailored for multimedia applica-
tions
• Frequency tolerance within 1 PPM on all frequencies
• One pair of differential output drivers, identical speci-
fication to CY2212
• Selectable 54.0-/53.946-MHz output and
294.912-/393.216-MHz Rambus® output
• Supports output voltage requirements
• Industry-standard packaging saves on board space
Pin Configuration
Frequency Select Tables
XIN
XOUT
S
FS
OSC.
PLL1
LCLK
Divider
CLK
54MOUT
Block Diagram
PLL2
CLKB
Divide by 2
XTAL.
CONFIGURATION
LOGIC
VDDRP
1
24
S
VSSRP
2
23
VDDR
Xout
3
22
VSSR
Xin
4
21
CLK
NC
5
20
CLKB
VSSVPA
6
19
VSSR
VDDVPA
7
18
VDDR
VSS54
8
17
NC
54MOUT
9
16
VDDL
FS
10
15
VSSL
VDD54
11
14
LCLK
VDDVP
12
13
VSSVP
FS
54MOUT
Unit
PPM
054
MHz
0
1
53.94605395
MHz
–1
S
CLK, CLKB
Unit
PPM
0
294.912
MHz
0
1
393.216
MHz
0
LCLK
Unit
PPM
9.216
MHz
0


Similar Part No. - CY22313

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
182Kb / 8P
Universal Programmable Clock Generator (UPCG)
CY22381 CYPRESS-CY22381 Datasheet
346Kb / 9P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
344Kb / 11P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381 Datasheet
450Kb / 11P
Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY22313

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCK2011 PHILIPS-PCK2011 Datasheet
62Kb / 11P
Direct RAMbus Clock Generator
1999 Jan 19
logo
Integrated Circuit Syst...
ICS9219 ICST-ICS9219 Datasheet
80Kb / 8P
Direct Rambus Clock Generator Lite
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
Direct Rambus Clock Generator
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
Direct Rambus??Clock Generator
logo
Cypress Semiconductor
CY2212 CYPRESS-CY2212 Datasheet
200Kb / 10P
Direct Rambus??Clock Generator (Lite)
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83A TI-CDCFR83A Datasheet
370Kb / 14P
DIRECT RAMBUS??CLOCK GENERATOR
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
DIRECT RAMBUS??CLOCK GENERATOR
logo
Silicon Laboratories
W134 SILABS-W134 Datasheet
112Kb / 11P
Direct Rambus??Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com