Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M76DW52003BA Datasheet(PDF) 7 Page - STMicroelectronics

Part # M76DW52003BA
Description  32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M76DW52003BA Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M76DW52003BA Datasheet HTML 3Page - STMicroelectronics M76DW52003BA Datasheet HTML 4Page - STMicroelectronics M76DW52003BA Datasheet HTML 5Page - STMicroelectronics M76DW52003BA Datasheet HTML 6Page - STMicroelectronics M76DW52003BA Datasheet HTML 7Page - STMicroelectronics M76DW52003BA Datasheet HTML 8Page - STMicroelectronics M76DW52003BA Datasheet HTML 9Page - STMicroelectronics M76DW52003BA Datasheet HTML 10Page - STMicroelectronics M76DW52003BA Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7/27
M76DW52003TA, M76DW52003BA
After a Hardware Reset, Bus Read and Bus Write
operations cannot begin until Ready/Busy be-
comes high-impedance.
Byte/Word Organization Select (BYTE). The
Byte/Word Organization Select pin is used to
switch between the x8 and x16 Bus modes of the
Flash memory. When Byte/Word Organization Se-
lect is Low, VIL, the Flash memory is in x8 mode,
when it is High, VIH, the Flash memory is in x16
mode.
SRAM Chip Enable (E1S, E2S). The Chip En-
able inputs activate the SRAM memory control
logic, input buffers and decoders. E1S at VIH or
E2S at VIL deselects the memory and reduces the
power consumption to the standby level. E1S and
E2S can also be used to control writing to the
SRAM memory array, while W remains at VIL. It is
not allowed to set EF at VIL, E1S at VIL and E2S at
VIH at the same time.
SRAM Upper Byte Enable (UBS). The
Upper
Byte Enable enables the upper bytes for SRAM
(DQ8-DQ15). UBS is active low.
SRAM Lower Byte Enable (LBS). The
Lower
Byte Enable enables the lower bytes for SRAM
(DQ0-DQ7). LBS is active low.
VCCF Supply Voltage (2.7V to 3.3V). VCCF pro-
vides the power supply to the internal core of the
Flash Memory device. It is the main power supply
for all operations (Read, Program and Erase).
VCCS Supply Voltage (2.7V to 3.3V). VCCS pro-
vides the power supply for the SRAM control pins.
VSS Ground. VSS is the ground reference for all
voltage measurements in the Flash and SRAM
chips.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com