Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M76DW52003BA Datasheet(PDF) 17 Page - STMicroelectronics

Part # M76DW52003BA
Description  32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M76DW52003BA Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M76DW52003BA Datasheet HTML 13Page - STMicroelectronics M76DW52003BA Datasheet HTML 14Page - STMicroelectronics M76DW52003BA Datasheet HTML 15Page - STMicroelectronics M76DW52003BA Datasheet HTML 16Page - STMicroelectronics M76DW52003BA Datasheet HTML 17Page - STMicroelectronics M76DW52003BA Datasheet HTML 18Page - STMicroelectronics M76DW52003BA Datasheet HTML 19Page - STMicroelectronics M76DW52003BA Datasheet HTML 20Page - STMicroelectronics M76DW52003BA Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
17/27
M76DW52003TA, M76DW52003BA
Table 8. SRAM Read AC Characteristics
Note: 1. Sampled only. Not 100% tested.
Symbol
Alt
Parameter
SRAM
Unit
Min
Max
tAVAV
tRC
Read Cycle Time
70
ns
tAVQV
tACC
Address Valid to Output Valid
70
ns
tAXQX
tOH
Address Transition to Output Transition
10
ns
tBHQZ
tBHZ
UBS, LBS Disable to Hi-Z Output
25
ns
tBLQV
tAB
UBS, LBS Access Time
70
ns
tBLQX
tBLZ
UBS, LBS Enable to Low-Z Output
5ns
tE1LQV
tE2HQV
tACS1
Chip Enable 1 Low or Chip Enable 2 High to Output Valid
70
ns
tE1LQX
tE2HQX
tCLZ1
Chip Enable 1 Low or Chip Enable 2 High to Output
Transition
10
ns
tE1HQZ
tE2LQZ
tHZCE
Chip Enable High or Chip Enable 2 Low to Output Hi-Z
25
ns
tGHQZ
tOHZ
Output Enable High to Output Hi-Z
25
ns
tGLQV
tOE
Output Enable Low to Output Valid
35
ns
tGLQX
tOLZ
Output Enable Low to Output Transition
5
ns
tPD
(1)
Chip Enable 1 High or Chip Enable 2 Low to Power Down
70
ns
tPU
(1)
Chip Enable 1 Low or Chip Enable 2 High to Power Up
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com