Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M76DW52003BA Datasheet(PDF) 11 Page - STMicroelectronics

Part # M76DW52003BA
Description  32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M76DW52003BA Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M76DW52003BA Datasheet HTML 7Page - STMicroelectronics M76DW52003BA Datasheet HTML 8Page - STMicroelectronics M76DW52003BA Datasheet HTML 9Page - STMicroelectronics M76DW52003BA Datasheet HTML 10Page - STMicroelectronics M76DW52003BA Datasheet HTML 11Page - STMicroelectronics M76DW52003BA Datasheet HTML 12Page - STMicroelectronics M76DW52003BA Datasheet HTML 13Page - STMicroelectronics M76DW52003BA Datasheet HTML 14Page - STMicroelectronics M76DW52003BA Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11/27
M76DW52003TA, M76DW52003BA
SRAM OPERATIONS
There are five standard operations that control the
SRAM component. These are Bus Read, Bus
Write, Standby/Power-down, Data Retention and
Output Disable. A summary is shown in Table 2,
Main Operation Modes
Read. Read operations are used to output the
contents of the SRAM Array. The SRAM is in Read
mode whenever Write Enable, WS, is at VIH, Out-
put Enable, GS, is at VIL, Chip Enable, E1S, is at
VIL, Chip Enable, E2S, is at VIH, and Byte Enable
inputs, UBS and LBS are at VIL.
Valid data will be available on the output pins after
a time of tAVQV after the last stable address. If the
Chip Enable or Output Enable access times are
not met, data access will be measured from the
limiting parameter (tE1LQV, tE2HQV, or tGLQV) rath-
er than the address. Data out may be indetermi-
nate at tE1LQX, tE2HQX and tGLQX, but data lines
will always be valid at tAVQV (see Table 8, Table 8,
Figures 8 and 9, SRAM Read AC Characteristics).
Write. Write operations are used to write data to
the SRAM. The SRAM is in Write mode whenever
W and E1S are at VIL, and E2S is at VIH. Either the
Chip Enable inputs, E1S and E2S, or the Write En-
able input, WS, must be deasserted during ad-
dress transitions for subsequent write cycles.
A Write operation is initiated when E1S is at VIL,
E2S is at VIH and W is at VIL. The data is latched
on the falling edge of E1S, the rising edge of E2S
or the falling edge of WS, whichever occurs last.
The Write cycle is terminated on the rising edge of
E1S, the rising edge of W or the falling edge of
E2S, whichever occurs first.
If the Output is enabled (E1S=VIL, E2S=VIH and
GS=VIL), then W will return the outputs to high im-
pedance within tWLQZ of its falling edge. Care must
be taken to avoid bus contention in this type of op-
eration. The Data input must be valid for tDVWH be-
fore the rising edge of Write Enable, for tDVE1H
before the rising edge of E1S or for tDVE2L before
the falling edge of E2S, whichever occurs first, and
remain valid for tWHDX, tE1HAX or tE2LAX (see Table
9, SRAM Write AC Characteristics, Figures 11, 12,
13 and 14).
Standby/Power-Down. The SRAM component
has a chip enabled power-down feature which in-
vokes an automatic standby mode (see Table 8,
SRAM Read AC Characteristics, Figure 10, SRAM
Standby AC Waveforms). The SRAM is in Standby
mode whenever either Chip Enable is deasserted,
E1S at VIH or E2S at VIL. It is also possible when
UBS and LBS are at VIH.
Data Retention. The SRAM data retention per-
formance as VCCS goes down to VDR are de-
scribed in Table 10, SRAM Low VCCS Data
Retention Characteristic, and Figure 15, SRAM
Low VCCS Data Retention AC Waveforms, E1S or
UBS / LBS Controlled. In E1S controlled data reten-
tion mode, the minimum standby current mode is
entered when E1S ≥ VCCS – 0.2V and E2S ≤ 0.2V
or E2S ≥ VCCS – 0.2V. In E2S controlled data re-
tention mode, minimum standby current mode is
entered when E2S ≤ 0.2V.
Output Disable. The data outputs are high im-
pedance when the Output Enable, GS, is at VIH
with Write Enable, WS, at VIH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com