Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M76DW52003BA Datasheet(PDF) 1 Page - STMicroelectronics

Part # M76DW52003BA
Description  32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M76DW52003BA Datasheet(HTML) 1 Page - STMicroelectronics

  M76DW52003BA Datasheet HTML 1Page - STMicroelectronics M76DW52003BA Datasheet HTML 2Page - STMicroelectronics M76DW52003BA Datasheet HTML 3Page - STMicroelectronics M76DW52003BA Datasheet HTML 4Page - STMicroelectronics M76DW52003BA Datasheet HTML 5Page - STMicroelectronics M76DW52003BA Datasheet HTML 6Page - STMicroelectronics M76DW52003BA Datasheet HTML 7Page - STMicroelectronics M76DW52003BA Datasheet HTML 8Page - STMicroelectronics M76DW52003BA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1/27
PRELIMINARY DATA
September 2003
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M76DW52003TA
M76DW52003BA
32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory
and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
FEATURES SUMMARY
MULTIPLE MEMORY PRODUCT
– 32 Mbit (4Mb x8 or 2Mb x16), Dual Bank, Boot
Block, Flash Memory
– 4 Mbit (256Kb x 16) SRAM
SUPPLY VOLTAGE
–VCCF = 2.7V to 3.3V
–VCCS = 2.7V to 3.3V
–VPPF = 12V for Fast Program (optional)
ACCESS TIME: 70, 90ns
LOW POWER CONSUMPTION
ELECTRONIC SIGNATURE
– Manufacturer Code: 0020h
– Top Device Code, M76DW52003TA: 225Eh
– Bottom Device Code, M76DW52003BA:
225Fh
FLASH MEMORY
PROGRAMMING TIME
– 10µs per Byte/Word typical
– Double Word/ Quadruple Byte Program
MEMORY BLOCKS
– Dual Bank Memory Array: 8Mbit+24Mbit
– Parameter Blocks (Top or Bottom Location)
DUAL OPERATIONS
– Read in one bank while Program or Erase in
other
ERASE SUSPEND and RESUME MODES
– Read and Program another Block during
Erase Suspend
UNLOCK BYPASS PROGRAM COMMAND
– Faster Production/Batch Programming
VPP/WP PIN for FAST PROGRAM and WRITE
PROTECT
TEMPORARY BLOCK UNPROTECTION
MODE
COMMON FLASH INTERFACE
– 64 bit Security Code
Figure 1. Package
EXTENDED MEMORY BLOCK
– Extra block used as security block or to store
additional information
100,000 PROGRAM/ERASE CYCLES per
BLOCK
SRAM
4 Mbit (256Kb x 16)
ACCESS TIME: 70ns
LOW VCCS DATA RETENTION: 1.5V
POWER DOWN FEATURES USING TWO
CHIP ENABLE INPUTS
FBGA
LFBGA73 (ZA)
8 x 11.6 mm


Similar Part No. - M76DW52003BA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M76DW62000A STMICROELECTRONICS-M76DW62000A Datasheet
404Kb / 27P
64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 8Mbit/4Mbit SRAM, 3V Supply, Multiple Memory Product
24-Sep-2003
M76DW62000A-70ZT STMICROELECTRONICS-M76DW62000A-70ZT Datasheet
404Kb / 27P
64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 8Mbit/4Mbit SRAM, 3V Supply, Multiple Memory Product
24-Sep-2003
M76DW62000A-90ZT STMICROELECTRONICS-M76DW62000A-90ZT Datasheet
404Kb / 27P
64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 8Mbit/4Mbit SRAM, 3V Supply, Multiple Memory Product
24-Sep-2003
M76DW62000A70ZT STMICROELECTRONICS-M76DW62000A70ZT Datasheet
404Kb / 27P
64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 8Mbit/4Mbit SRAM, 3V Supply, Multiple Memory Product
24-Sep-2003
M76DW62000A90ZT STMICROELECTRONICS-M76DW62000A90ZT Datasheet
404Kb / 27P
64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 8Mbit/4Mbit SRAM, 3V Supply, Multiple Memory Product
24-Sep-2003
More results

Similar Description - M76DW52003BA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36DR432A STMICROELECTRONICS-M36DR432A Datasheet
328Kb / 46P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
19-Nov-2001
M36DR432AD STMICROELECTRONICS-M36DR432AD Datasheet
834Kb / 52P
32 Mbit 2Mb x16, Dual Bank, Page Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
28-Feb-2003
M36W416TG STMICROELECTRONICS-M36W416TG Datasheet
435Kb / 62P
16 Mbit 1Mb x16, Boot Block Flash Memory and 4Mbit 256Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
M36W432T STMICROELECTRONICS-M36W432T Datasheet
418Kb / 57P
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256K x16 SRAM, Multiple Memory Product
11-Feb-2002
M36W432TG STMICROELECTRONICS-M36W432TG Datasheet
439Kb / 66P
32 Mbit 2Mb x16, Boot Block Flash Memory and 4 Mbit 256Kb x16 SRAM, Multiple Memory Product
19-Nov-2002
M36W832TE STMICROELECTRONICS-M36W832TE Datasheet
897Kb / 64P
32 Mbit 2Mb x16, Boot Block Flash Memory and 8 Mbit 512Kb x16 SRAM, Multiple Memory Product
26-May-2003
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
10-Jul-2002
M72DW64000B STMICROELECTRONICS-M72DW64000B Datasheet
102Kb / 19P
64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 16Mbit Pseudo SRAM, 3V Supply, Multiple Memory Product
24-Sep-2003
M74DW66500B STMICROELECTRONICS-M74DW66500B Datasheet
295Kb / 19P
2x 64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 32Mbit Pseudo SRAM, 3V Supply, Multiple Memory Product
24-Sep-2003
M76DW63000A STMICROELECTRONICS-M76DW63000A Datasheet
404Kb / 27P
64Mbit (x8/ x16, Multiple Bank, Boot Block) Flash Memory and 8Mbit/4Mbit SRAM, 3V Supply, Multiple Memory Product
24-Sep-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com