Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M76DW52003BA Datasheet(PDF) 25 Page - STMicroelectronics

Part # M76DW52003BA
Description  32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M76DW52003BA Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M76DW52003BA Datasheet HTML 19Page - STMicroelectronics M76DW52003BA Datasheet HTML 20Page - STMicroelectronics M76DW52003BA Datasheet HTML 21Page - STMicroelectronics M76DW52003BA Datasheet HTML 22Page - STMicroelectronics M76DW52003BA Datasheet HTML 23Page - STMicroelectronics M76DW52003BA Datasheet HTML 24Page - STMicroelectronics M76DW52003BA Datasheet HTML 25Page - STMicroelectronics M76DW52003BA Datasheet HTML 26Page - STMicroelectronics M76DW52003BA Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
25/27
M76DW52003TA, M76DW52003BA
PART NUMBERING
Table 12. Ordering Information Scheme
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc.) or for further information on any aspect of this device,
please contact the STMicroelectronics Sales Office nearest to you.
Example:
M76DW5 2 0 0 3T A70
Z T
Device Type
M76 = MMP (Flash + SRAM)
Architecture
D = Dual Operation
Operating Voltage
W = VCCF = VCCS = 2.7V to 3.3V
Flash Device Size (Die1 Density)
5 = 32 Mbit
SRAM Device Size (Die2 Density)
2 = 4 Mbit
Die3
0 = Die3 Density
Die4
0 = Die4 Density
Flash Specification Details
3T = 1/4 & 3/4 partitioning, Top boot block
3B = 1/4 & 3/4 partitioning, Bottom boot block
Stacked Specification Details
A = 0.15µm Flash & SRAM
Speed
70 = 70ns
90 = 90ns
Package and Temperature Range
Z = LFBGA73: 8 x 11.6mm, 0.8mm pitch
Option
T = Tape & Reel packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com