Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4098-1BUJZ-R5 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4098-1BUJZ-R5
Description  50 V, 1 MHz, 165 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4098-1BUJZ-R5 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4098-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 25Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 26Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 27Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 28Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
Data Sheet
ADA4098-1/ADA4098-2
APPLICATIONS INFORMATION
analog.com
Rev. A | 25 of 33
POWER DISSIPATION AND THERMAL
SHUTDOWN
The ADA4098-1 and ADA4098-2 can drive heavy loads on power
supplies up to ±25 V. Therefore, ensure that TJ on the integrated
circuits does not exceed 175°C.
Junction temperatures exceeding 125°C promote accelerated ag-
ing. Reliability of the ADA4098-1 and ADA4098-2 may be impaired
if the junction temperature exceeds 175°C. If the junction tempera-
ture exceeds 175°C, the ADA4098-1 and ADA4098-2 have a final
safety measure in the form of a thermal shutdown that shuts off the
output stage and reduces the internal device currents. When this
thermal shutdown function triggers, the output remains disabled in
a high impedance state until the junction temperature drops 20°C.
Persistent heavy loads and elevated ambient temperatures can
cause the ADA4098-1 and ADA4098-2 to oscillate in and out of
thermal shutdown depending on the power dissipated on the die,
until the heavy load is removed (see Figure 62).
Figure 62. ADA4098-1 and ADA4098-2 Cycling In and Out of Thermal
Shutdown
It is not recommended to operate near the maximum junction
temperature.
Typically, TJ can be estimated from TA and the device power
dissipation (PD × θJA), as shown in the following equation:
TJ = TA + PD × θJA
The power dissipation in the ICs varies as a function of supply
voltage, the output voltage, and load resistance. For a given supply
voltage, the worst case power dissipation (PD(MAX)) in the ICs
occurs when the supply current is maximum, and the output voltage
is at half of either supply voltage.
PD(MAX) = VsIs(MAX)+ VSY2RL2
For a given supply voltage, use Figure 63 as a guide for estimating
the minimum load resistance that the ADA4098-1 and ADA4098-2
can drive for a given supply voltage and a given rise in junction
temperature (ΔTJ). For example, to limit ΔTJ to 50°C, the load
driven on the ±15 V supplies (+30 V total supply) must not be lower
than 900 Ω. It is assumed that θJA is 192°C/W.
Figure 63. Minimum Load Resistance for Given ΔTJ and VSY
CIRCUIT LAYOUT CONSIDERATIONS
Careful and deliberate attention to detail when laying out the
ADA4098-1 and ADA4098-2 boards yields optimal performance.
Power supply bypassing, parasitic capacitance, and component
selection all contribute to the overall performance of the amplifiers.
POWER SUPPLY BYPASSING
On single supplies, solder the −VS supply pin directly to a low
impedance ground plane. Bypass the +VS pin to a low impedance
ground plane with a low effective series resistance (ESR) multilayer
ceramic capacitor (MLCC) of 0.1 µF, typically, as close to the ±VS
supply pins as possible. When driving heavy loads, add 10 µF of
supply capacitance. When using split supplies, these conditions are
applicable to the −VS supply pin.
The ADA4098-1 and ADA4098-2 have an internal current source
of ~0.6 μA on the SHDN pin (ADA4098-1) and SHDNx pins
(ADA4098-2 10-lead LFCSP) to pull the pins down to −VS and to
place the amplifiers in the default amplifying state. If the shutdown
state is not required, hard tie the SHDN pin and SHDNx pins to the
−VS pin. If the SHDN pin and SHDNx pins are left floating or driven
by a source with significant source impedance (>100 Ω), bypass
the −VS supply pin with a small, 1 nF capacitor to prevent stray
signals from coupling on the SHDN pin and SHDNx pins, which can
inadvertently trigger shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com