Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4098-1BUJZ-R5 Datasheet(PDF) 17 Page - Analog Devices

Part # ADA4098-1BUJZ-R5
Description  50 V, 1 MHz, 165 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4098-1BUJZ-R5 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADA4098-1BUJZ-R5 Datasheet HTML 13Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 14Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 15Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 16Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 17Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 18Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
Data Sheet
ADA4098-1/ADA4098-2
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 17 of 33
Figure 37. Output Voltage Low (VOL) and Output Voltage High (VOH) vs.
Temperature
Figure 38. Gain Bandwidth vs. Temperature
Figure 39. Loop Gain and Phase vs. Frequency
Figure 40. Noninverting Small Signal Frequency Response (RF Is the
Feedback Resistor, RG Is the Gain Setting Resistor, and VIN Is the Input
Voltage)
Figure 41. Inverting Small Signal Frequency Response
Figure 42. Voltage Noise Density vs. Frequency for a Unity-Gain
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com