Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4098-1BUJZ-R5 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4098-1BUJZ-R5
Description  50 V, 1 MHz, 165 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4098-1BUJZ-R5 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4098-1BUJZ-R5 Datasheet HTML 6Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 7Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 8Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 9Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 10Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 11Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 12Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 13Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Data Sheet
ADA4098-1/ADA4098-2
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. A | 10 of 33
Figure 4. Pin Configuration for ADA4098-1 6-Lead TSOT
Table 6. Pin Function Descriptions for ADA4098-1 6-Lead TSOT
Pin No.
Mnemonic
Description
1
VOUT
Amplifier Output.
2
−VS
Negative Power Supply. In single-supply applications, the −VS pin is normally soldered to a low impedance ground plane. In split-supply
applications, bypass the −VS pin with a capacitance of at least 0.1 μF to a low impedance ground plane, as close to the −VS pin as possible.
3
+IN
Noninverting Input of the Amplifier.
4
−IN
Inverting Input of the Amplifier.
5
SHDN
Op Amp Shutdown. The threshold for shutdown is approximately 1 V above the negative supply. If the SHDN pin is hard tied to the −VS pin
or floating, the amplifier is active. If the SHDN pin is asserted high (VSHDN > −VS + 1.5 V), the amplifier is placed in a shutdown state, and the
output of the amplifier goes to a high impedance state. If the SHDN pin is left floating, it is recommended to connect a small capacitor of 1 nF
between the SHDN pin and the −VS pin to prevent signals from the −IN pin from capacitively coupling to the SHDN pin.
6
+VS
Positive Power Supply. Bypass the +VS pin with a capacitance of at least 0.1 μF to a low impedance ground plane, as close to the +VS pin as
possible.
Figure 5. Pin Configuration for ADA4098-2 8-Lead SOIC_N and 8-Lead MSOP
Table 7. Pin Function Descriptions for ADA4098-2 8-Lead SOIC_N and 8-Lead MSOP
Pin No.
Mnemonic
Description
1
VOUT1
Amplifier Output, Channel 1.
2
−IN1
Inverting Input of the Amplifier, Channel 1.
3
+IN1
Noninverting Input of the Amplifier, Channel 1.
4
−VS
Negative Power Supply. In single-supply applications, the −VS pin is normally soldered to a low impedance ground plane. In
split-supply applications, bypass the −VS pin with a capacitance of at least 0.1 μF to a low impedance ground plane, as close to the
−VS pin as possible.
5
−IN2
Inverting Input of the Amplifier, Channel 2.
6
+IN2
Noninverting Input of the Amplifier, Channel 2.
7
VOUT2
Amplifier Output, Channel 2.
8
+VS
Positive Power Supply. Bypass the +VS pin with a capacitance of at least 0.1 μF to a low impedance ground plane, as close to the
+VS pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com