Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4098-1BUJZ-R5 Datasheet(PDF) 6 Page - Analog Devices

Part # ADA4098-1BUJZ-R5
Description  50 V, 1 MHz, 165 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4098-1BUJZ-R5 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4098-1BUJZ-R5 Datasheet HTML 2Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 3Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 4Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 5Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 6Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 7Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 8Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 9Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Data Sheet
ADA4098-1/ADA4098-2
SPECIFICATIONS
analog.com
Rev. A | 6 of 33
Table 2.
Parameter
Test Conditions/Comments
B Grade
H Grade
Unit
Min
Typ
Max
Min
Typ
Max
CMRR
VCM = −14.75 V to +13.25 V
118
135
118
135
dB
TMIN < TA < TMAX
116
116
dB
VCM = −15.1 V to +13.25 V
117
135
117
135
dB
TMIN < TA < TMAX
102
100
dB
VCM = −15.1 V to +55 V
120
140
120
140
dB
TMIN < TA < TMAX
110
108
dB
Common-Mode Input Range
Guaranteed by CMRR tests
−15.1
+55
−15.1
+55
V
AOL
ΔVOUT = 25 V
134
150
134
150
dB
TMIN < TA < TMAX
126
123
dB
ΔVOUT = 25 V, RL = 10 kΩ
117
120
117
120
dB
TMIN < TA < TMAX
108
106
dB
NOISE PERFORMANCE
Input Voltage Noise
f = 0.1 Hz to 10 Hz
400
400
nV p-p
1/f noise corner
6
6
Hz
f = 100 Hz
17
17
nV/√Hz
Over-The-Top
f = 100 Hz, VCM > +VS
20
20
nV/√Hz
Input Current Noise
f = 100 Hz
0.15
0.15
pA/√Hz
Over-The-Top
f = 100 Hz, VCM > +VS
1.8
1.8
pA/√Hz
DYNAMIC PERFORMANCE
Slew Rate
ΔVOUT = 25 V
0.35
0.85
0.35
0.85
V/µs
TMIN < TA < TMAX
0.2
0.2
V/µs
GBP
fTEST = 2.5 kHz
0.9
1.05
0.9
1.05
MHz
TMIN < TA < TMAX
0.9
0.9
MHz
Phase Margin
57
57
Degrees
1% Settling Time
ΔVOUT = ±2 V
14
14
µs
0.1% Settling Time
ΔVOUT = ±2 V
18
18
µs
THD + N
f = 10 kHz, VOUT = 1 V p-p, RL =
10 kΩ, bandwidth = 80 kHz
0.01
0.01
%
Channel Separation
f = 1 kHz, RL = 2 kΩ
115
115
dB
INPUT CHARACTERISTICS
Input Resistance
Differential mode
1
1
MΩ
Common mode
>1
>1
GΩ
Input Capacitance
Differential mode
1
1
pF
Common mode
3
3
pF
SHDN AND SHDNx PINS
Input Logic Low
Amplifier active, VSHDN < −VS + 0.5
V
−VS + 0.5
−VS + 0.5
V
Input Logic High
Amplifier shutdown, VSHDN > −VS +
1.5 V
−VS + 1.5
−VS + 1.5
V
Response Time
Amplifier active to shutdown
2.5
2.5
µs
Amplifier shutdown to active
30
30
µs
Pull-Down Current
VSHDN = −VS + 0.5 V, TMIN < TA <
TMAX
0.6
3
0.6
3
µA
VSHDN = −VS + 1.5 V, TMIN < TA <
TMAX
0.3
2.5
0.3
2.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com