Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4098-1BUJZ-R5 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4098-1BUJZ-R5
Description  50 V, 1 MHz, 165 關A per Channel, Robust, Over-The-Top, Precision Op Amps
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4098-1BUJZ-R5 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4098-1BUJZ-R5 Datasheet HTML 12Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 13Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 14Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 15Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 16Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 17Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 18Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices ADA4098-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Data Sheet
ADA4098-1/ADA4098-2
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. A | 16 of 33
Figure 31. Supply Current vs. Minimum Supply Voltage
Figure 32. Offset Voltage vs. Minimum Supply Voltage
Figure 33. Offset Voltage vs. Supply Voltage
Figure 34. ΔOffset Voltage vs. VOUT
Figure 35. ΔOffset Voltage vs. VOUT (5 kΩ Load)
Figure 36. SHDN Pin Current vs. VSHDN with Respect to −VS over Various
Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com