Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 5 Page - Analog Devices

Part # LT8331
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 5 Page - Analog Devices

  LT8331 Datasheet HTML 1Page - Analog Devices LT8331 Datasheet HTML 2Page - Analog Devices LT8331 Datasheet HTML 3Page - Analog Devices LT8331 Datasheet HTML 4Page - Analog Devices LT8331 Datasheet HTML 5Page - Analog Devices LT8331 Datasheet HTML 6Page - Analog Devices LT8331 Datasheet HTML 7Page - Analog Devices LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LTC6563
5
Rev. 0
For more information www.analog.com
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ADJ0, ADJ1, CHSEL0, CHSEL1 Pins with Internal Pull-Down Resistors
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.4
V
IIL
Input Low Current
Pin Voltage = 0.8V
3.8
µA
IIH
Input High Current
Pin Voltage = 2.4V
7.2
µA
CIN
Pin Input Capacitance
1.5
pF
RIN
Pin Input Impedance
To GND
218
kΩ
OMUX, PWRMD, Pins with Internal Pull-Up Resistors
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.4
V
IIL
Input Low Current
Pin Voltage = 0.8V
–12
µA
IIH
Input High Current
Pin Voltage = 2.4V
–8.6
µA
CIN
Pin Input Capacitance
1.5
pF
RIN
Pin Input Impedance
To VCCI
208
kΩ
Power Supply
VS
Operating Supply Range
3.15
3.3
3.45
V
IVCCI
Input Supply Current
Any Adjust Setting
l
27.8
34
39.4
40.4
mA
mA
IVCCI_SHUTDOWN Input Supply Current
PWRMD = OMUX = Logic Low
l
4.5
5.5
6
mA
mA
IVCCO
Output Supply Current
ADJ1 = Logic High, ADJ0 = Logic High
VCM = 1.50V
l
49.4
64.5
81
82
mA
mA
ADJ1 = Logic High, ADJ0 = Logic Low
VCM = 1.25V
l
51.5
64.9
65.9
mA
mA
ADJ1 = Logic Low, ADJ0 = Logic High
VCM = 1.0V
l
38
48
49
mA
mA
ADJ1 = Logic Low, ADJ0 = Logic Low
VCM = 0.75V
l
24.5
30.8
31.8
mA
mA
IVCCO_SHUTDOWN Output Supply Current
PWRMD = OMUX = Logic Low
l
0.1
0.2
0.22
mA
mA
IS
Total Supply Current (IS(VCCI) +
IS(VCCO))
ADJ1 = Logic High, ADJ0 = Logic High
VCM = 1.50V
l
98.5
120.4
122.4
mA
mA
ADJ1 = Logic High, ADJ0 = Logic High
VCM = 1.25V
l
85.5
104.3
106.3
mA
mA
ADJ1 = Logic Low, ADJ0 = Logic High
VCM = 1.0V
l
72
87.4
89.4
mA
mA
ADJ1 = Logic Low, ADJ0 = Logic Low
VCM = 0.75V
l
58.5
70.2
72.2
mA
mA
IS_SHUTDOWN
Total Supply Current (IS(VCCI) +
IS(VCCO))
PWRMD = OMUX = Logic Low
l
4.6
5.8
6.3
mA
mA
PSRR(VCCI)
Input Power Supply Rejection Ratio
(∆VOUT/∆VCCI)
VCCI = 3.15V to 3.45V, VCCO = 3.3V
33
36
dB
PSRR(VCCO)
Output Power Supply Rejection Ratio
(∆VOUT/∆VCCO)
VCCO = 3.15V to 3.45V, VCCI = 3.3V
35
38
dB
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, ADJ0 = ADJ1 = PWRMD = OMUX = VCCI = HI = VCCO = 3.3V, TILT =
OFFSET = 0, VCM = 1.5V. All other input pins are floating unless stated otherwise. VOUTCM is defined as (OUT + OUT )/2 and VOUTDIFF is
defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com