Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 12 Page - Analog Devices

Part # LT8331
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8331 Datasheet HTML 8Page - Analog Devices LT8331 Datasheet HTML 9Page - Analog Devices LT8331 Datasheet HTML 10Page - Analog Devices LT8331 Datasheet HTML 11Page - Analog Devices LT8331 Datasheet HTML 12Page - Analog Devices LT8331 Datasheet HTML 13Page - Analog Devices LT8331 Datasheet HTML 14Page - Analog Devices LT8331 Datasheet HTML 15Page - Analog Devices LT8331 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
LTC6563
12
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS Unless otherwise noted specifications are at
CHSEL0 = TILT = OFFSET = 0V, HI = CHSEL1 = PWRMD = ADJ0 = ADJ1 = VCCI = VCCO = 3.3V, and CM = 1.5V. VOUTCM is defined as (OUT
+ OUT)/2 and VOUTDIFF is defined as (OUT – OUT), RL_EXT = 100Ω differential, OUT connected to TERM and OUT connected to TERM.
PSRR Out to VCCI, VCCO
S21ds (Gain) vs Frequency Over
Temperature
S22dd vs Frequency Over
Temperature
Stability Factor K vs Frequency
Over Temperature
S21ds (Gain) vs Frequency Over
Temperature
S22dd vs Frequency Over
Temperature
Stability Factor K vs Frequency
Over Temperature
S21ds (Gain) vs Frequency Over
Temperature
DECOUPLING CAP ONLY ON VCCI, AND VCCO
FREQUENCY (MHz)
0
600
1200
1800
2400
3000
–100
–80
–60
–40
–20
0
VCCO COM MODE
VCCO DIFF MODE
VCCI COM MODE
VCCI DIFF MODE
6563 G52
UNCONDITIONALLY STABLE
POTENTIALLY UNSTABLE
FREQUENCY (MHz)
0
500
1000 1500 2000 2500 3000
0
1
10
100
1k
4k
CIN,TOT = 0.5pF
SEE FIGURE 1 FOR TEST CIRCUIT
6563 G55
125°C
85°C
25°C
–40°C
FREQUENCY (MHz)
0
500
1000 1500 2000 2500 3000
0
1
10
100
1k
4k
UNCONDITIONALLY STABLE
POTENTIALLY UNSTABLE
CIN,TOT = 2pF
SEE FIGURE 1 FOR TEST CIRCUIT
6563 G58
125°C
85°C
25°C
–40°C
CIN,TOT = 0.5pF
FREQUENCY (MHz)
0
250
500
750
1000 1250 1500
–20
–15
–10
–5
0
5
10
15
20
25
SEE FIGURE 1 FOR TEST CIRCUIT
6563 G53
125°C
85°C
25°C
–40°C
FREQUENCY (MHz)
0
250
500
750
1000 1250 1500
–25
–20
–15
–10
–5
0
5
10
15
20
CIN,TOT = 2pF
SEE FIGURE 1 FOR TEST CIRCUIT
6563 G56
125°C
85°C
25°C
–40°C
FREQUENCY (MHz)
0
250
500
750
1000 1250 1500
–25
–20
–15
–10
–5
0
5
10
15
20
CIN,TOT = 4pF
SEE FIGURE 1 FOR TEST CIRCUIT
6563 G59
125°C
85°C
25°C
–40°C
FREQUENCY (MHz)
0
250
500
750
1000 1250 1500
–40
–30
–20
–10
0
CIN,TOT = 0.5pF
SEE FIGURE 1 FOR TEST CIRCUIT
6563 G54
125°C
85°C
25°C
–40°C
FREQUENCY (MHz)
0
250
500
750
1000 1250 1500
–40
–30
–20
–10
0
CIN,TOT = 2pF
SEE FIGURE 1 FOR TEST CIRCUIT
6563 G57
125°C
85°C
25°C
–40°C
PSRR Out to VCCI, VCCO
LC FILTER ON VCCI, AND VCCO
VCCO COM MODE
VCCO DIFF MODE
VCCI COM MODE
VCCI DIFF MODE
FREQUENCY (MHz)
0
600
1200
1800
2400
3000
–100
–80
–60
–40
–20
0
6563 G51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com