Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 30 Page - Analog Devices

Part # LT8331
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT8331 Datasheet HTML 26Page - Analog Devices LT8331 Datasheet HTML 27Page - Analog Devices LT8331 Datasheet HTML 28Page - Analog Devices LT8331 Datasheet HTML 29Page - Analog Devices LT8331 Datasheet HTML 30Page - Analog Devices LT8331 Datasheet HTML 31Page - Analog Devices LT8331 Datasheet HTML 32Page - Analog Devices LT8331 Datasheet HTML 33Page - Analog Devices LT8331 Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
LTC6563
30
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Avoiding Zero-Input Signal Clipping when Using TILT
along with Clamp
Clamp operation is meant to mainly safeguard against
transient overload conditions. Under normal operation,
ensure that the clamps are not engaged with nominal
signal levels and/or zero input current signal! To do this,
set the HI input above the expected output voltage, or
alternatively, tie HI input to VCCI to disable clamp opera-
tion. When the TILT input is used to maximize the output
swing, the voltage applied to the TILT input should be
just enough to provide the required differential full-scale
voltage without running the output(s) to the clamp region.
Referring to Figure 15 for this particular operating point
example:
• ADJ =11, RL = 50Ω to ground on each output pin, VCM
pin tied to 1.5V to match actual output CM voltage
since CM servo loop is not used here
If clamps are used, set TILT to 1.3V, which is just above
the Tilt voltage needed to ensure the maximum output
swing can be achieved without running into the clamp(s).
In this example, the HI pin should be tied to approximately
2V or higher. If clamps are disabled (HI pin tied to VCCI),
TILT input can simply be tied to VCCI since running into
the clamps is not an issue.
Limitations of Output Clamp Architecture
The out clamps will only prevent overload scenarios that
originate from the LTC6563’s signal chain itself. Overloads
caused by external stimuli at the LTC6563’s may not
be clamped, e.g. injecting current into the LTC6563’s
output(s).
Figure 15. Tilt Input Transfer Function Example
(ADJ11) with no TIA Input Current
Output Tilt Control
RL = 50Ω TO GROUND
ON EACH OUTPUT
|| 100Ω DIFF
TERM AND TERMBAR
DISCONNECTED
ADJ = 11
OUT VOLTAGE
OUTBAR VOLTAGE
OUT CURRENT
OUTBAR CURRENT
TILT PIN VOLTAGE (V)
0
0.7
1.3
2.0
2.6
3.3
0
0.5
1.0
1.5
2.0
2.5
0
10
20
30
40
50
6563 F15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com