Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 25 Page - Analog Devices

Part # LT8331
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 25 Page - Analog Devices

Back Button LT8331 Datasheet HTML 21Page - Analog Devices LT8331 Datasheet HTML 22Page - Analog Devices LT8331 Datasheet HTML 23Page - Analog Devices LT8331 Datasheet HTML 24Page - Analog Devices LT8331 Datasheet HTML 25Page - Analog Devices LT8331 Datasheet HTML 26Page - Analog Devices LT8331 Datasheet HTML 27Page - Analog Devices LT8331 Datasheet HTML 28Page - Analog Devices LT8331 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
LTC6563
25
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 10. TEE Resistor Loading (Left) and Its Equivalent CM Half-Circuit (Right)
d. ADC FS diff voltage calculation = 90µA • 5.56kΩ =
500mVP-P
e. IO CM/Average Output Current (from Table 1): 7mA
f. VCMO (minimum) = IO • (50Ω + 2 • 2Ω) = 380mV where
IO = 7mA, 50Ω is the TERM internal resistance, and the
2Ω is the internal RCM minimum value
The data in Table 5 can be used to examine the real-world
problem of driving the AD9094 ADC, the input require-
ments of which are shown below:
Differential Input Voltage Range: 1.44VP-P to 2.16VP-P
(programmable)
Common Mode Voltage: 1.43V
As can be seen from Table 5, operating the LTC6563 with
ADJ 10 falls in the range of the required AD9094 FS swing
voltage (1.44VP-P to 2.16VP-P), and also complies with
the required AD9094 CM voltage (1.43V) by allowing an
output CM voltage as low as 1.13V. Therefore, ADJ 10 is
an appropriate setting for driving the AD9094.
Detailed Example 2: Lowering the CM Voltage with a
Tee Resistor or External DC Termination to Ground
Adding a path to ground from the center of the load resis-
tors (R1, and R2) can lower the CM voltage. This can
be in the form of grounding the middle of R1, and R2,
or alternatively adding a TEE resistor to ground to avoid
dropping the CM voltage too low. This technique (shown
in Figure 10) allows for more flexibility in aligning the TIA
to an ADC or a given differential load and ADJ setting.
The TEE resistor will appear as double its value in the
half-circuit. The equivalent CM load and CM voltage can
be written as:
VCMO = IO • [(50Ω + 2RCM)||(R1 + 2RTEE)]
(3)
Note that adding RTEE to the schematic only affects the
CM parameters of the circuit and has no bearing on the
differential voltage swing and the resulting transimped-
ance gain of the circuit. A shunt capacitor to ground
across RTEE can be added to ensure no spurious AC signal
appears at this node.
For the particular case of Figure 7 schematic modified
to include RTEE = 20Ω with ADJ = 11 (IO = 28mA from
Table 1), the AD9094 CM voltage requirement (1.43V)
would be easily satisfied since the CM servo loop would
be able to adjust the output CM from 1.1V minimum (with
RCM = 2Ω, previously 1.51V minimum from Table 5 with-
out RTEE) to >2.3V (device output compliance volage)
maximum using Equation 3.
Operation without Internal CM Servo Loop
There may be applications where the CM servo loop func-
tion built into the LTC6563 is not needed, as would be
the case if the TIA output is not used to drive an ADC.
RTEE
R1
100
2 • RTEE
VCC
I1
50
2 • RCM
4 TO
OPEN
OUT
TERM
LTC6563
6563 F10
I1
I2
50
50
RCM
RADC
200
R1
100
R2
100
OUT
OUT
TERM
TERM
LTC6563
VCC
VCC
2 TO
OPEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com