Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8331 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8331
Description  Four-Channel Transimpedance Amplifier with Output Multiplexing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8331 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8331 Datasheet HTML 14Page - Analog Devices LT8331 Datasheet HTML 15Page - Analog Devices LT8331 Datasheet HTML 16Page - Analog Devices LT8331 Datasheet HTML 17Page - Analog Devices LT8331 Datasheet HTML 18Page - Analog Devices LT8331 Datasheet HTML 19Page - Analog Devices LT8331 Datasheet HTML 20Page - Analog Devices LT8331 Datasheet HTML 21Page - Analog Devices LT8331 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
LTC6563
18
Rev. 0
For more information www.analog.com
BLOCK DIAGRAM
R
R
OMUX
OUT
OUT
TERM
TERM
PWRMD
OUTPUT
STAGE
TILT
ADJ0
ADJ1
BIAS
CTRL
50
50
LTC6563 BD
IN1
IN2
IN3
IN4
TIA
TIA
TIA
TIA
4:1
MUX
OFFSET
CHSEL0
CHSEL1
12
11
10
9
CM
CM
×2
×1
OUTPUT
CLAMPS
LO
HI
CM CONROL
LOOP
+
–
+
–
8
22
23
15
13
7
6
17
16
19
21
24
2
4
OPERATION
The LTC6563 is a four channel transimpedance ampli-
fier with an integrated 4-to-1 multiplexer and ADC driver
stage. Each of the transimpedance amplifiers converts
an input current to an output voltage. The integrated
4:1 multiplexer simplifies the system design while sav-
ing space and power. In addition, output multiplexing is
possible by using the OMUX pin. This allows multiple
4-channel LTC6563 devices to be combined. 8, 12, 16
… 32 input channels are easily multiplexed into a single
differential output.
The LTC6563 is optimized to drive high speed differential
input analog-to-digital converters (ADCs). OUT and OUT
have single-ended swings from as low as about 180mV
to about VCCO – 1V. The LTC6563 provides four modes of
output drive for matching input swing of high-speed ADCs.
The tilt feature allows the output stage to offset to take
advantage of the full differential input range of the ADCs.
The outputs have programmable clamps that limit the
output swing in saturation events. These clamps provide
protection to the front end of the ADC. The HI pin sets
the maximum swing, while a symmetric minimum swing
limit is set up internally.
In typical LIDAR applications, the LTC6563 amplifies the
output current of an APD. APD are biased near breakdown
to achieve high current gain. Under intense optical illumi-
nation, they can conduct large currents, often in excess
of 1A. The LTC6563 survives and quickly recovers from
large overload currents of this magnitude. During recover,
any TIA is blinded from subsequent pulses. The LTC6563
recovers from 1mA saturation events in less than 2.5ns
without phase reversal, minimizing this form of data loss.
Ambient light is problematic for LIDAR receiver chains.
The DC current can easily saturate the linear range of any
TIA. The LTC6563 provides a control for DC cancelation to
the inputs and can cancel up to 200μA of DC current. The
DC cancelation is designed to minimizing additive noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com