Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3061EBRZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADM3061EBRZ-R7
Description  3.0 V to 5.5 V, 짹12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3061EBRZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADM3061EBRZ-R7 Datasheet HTML 19Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 20Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 21Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 22Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 23Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 24Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 25Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 26Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 27 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/ADM3066E/ADM3067E/ADM3068E
Rev. G | Page 27 of 27
Model1
Temperature Range
Package Description
Package Option
Marking Code
ADM3066EACPZ
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP]
CP-10-9
MC9
ADM3066EACPZ-R7
−40°C to +85°C
10-Lead Lead Frame Chip Scale Package [LFCSP]
CP-10-9
MC9
ADM3066EBCPZ
−40°C to +125°C
10-Lead Lead Frame Chip Scale Package [LFCSP]
CP-10-9
MCA
ADM3066EBCPZ-R7
−40°C to +125°C
10-Lead Lead Frame Chip Scale Package [LFCSP]
CP-10-9
MCA
ADM3066EARMZ
−40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
MC4
ADM3066EARMZ-R7
−40°C to +85°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
MC4
ADM3066EBRMZ
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
MC5
ADM3066EBRMZ-R7
−40°C to +125°C
10-Lead Mini Small Outline Package [MSOP]
RM-10
MC5
ADM3067EARZ
−40°C to +85°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADM3067EARZ-R7
−40°C to +85°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADM3067EBRZ
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADM3067EBRZ-R7
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADM3068EARZ
−40°C to +85°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADM3068EARZ-R7
−40°C to +85°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADM3068EBRZ
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
ADM3068EBRZ-R7
−40°C to +125°C
14-Lead Standard Small Outline Package [SOIC_N]
R-14
EVAL-ADM3061EEBZ
8-Lead SOIC Evaluation Board
EVAL-ADM3061EEB1Z
8-Lead MSOP Evaluation Board
EVAL-ADM3062EEBZ
10-Lead MSOP Evaluation Board
EVAL-ADM3062EEB1Z
10-Lead LFCSP Evaluation Board
EVAL-ADM3063EEBZ
14-Lead SOIC Evaluation Board
EVAL-ADM3064EEBZ
14-Lead SOIC Evaluation Board
EVAL-ADM3065EEBZ
8-Lead SOIC Evaluation Board
EVAL-ADM3065EEB1Z
8-Lead MSOP Evaluation Board
EVAL-ADM3066EEBZ
10-Lead MSOP Evaluation Board
EVAL-ADM3066EEB1Z
10-Lead LFCSP Evaluation Board
EVAL-ADM3067EEBZ
14-Lead SOIC Evaluation Board
EVAL-ADM3068EEBZ
14-Lead SOIC Evaluation Board
1 Z = RoHS Compliant Part.
©2017–2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14666-0-7/19(G)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com