Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3061EBRZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM3061EBRZ-R7
Description  3.0 V to 5.5 V, 짹12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3061EBRZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADM3061EBRZ-R7 Datasheet HTML 1Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 2Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 3Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 4Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 5Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 6Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 7Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 8Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/ADM3066E/ADM3067E/ADM3068E
Data Sheet
Rev. G | Page 4 of 27
GENERAL DESCRIPTION
The ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E are 3.0 V to
5.5 V, IEC electrostatic discharge (ESD) protected RS-485
transceivers, allowing the devices to withstand ±12 kV contact
discharges on the transceiver bus pins without latch-up or
damage. The ADM3062E/ADM3064E/ADM3066E/ADM3068E
feature a VIO logic supply pin that allows a flexible digital interface
capable of operating as low as 1.62 V.
The ADM3065E/ADM3066E/ADM3067E/ADM3068E are
suitable for high speed, 50 Mbps, bidirectional data commu-
nication on multipoint bus transmission lines. The ADM3061E/
ADM3062E/ADM3063E/ADM3064E/ADM3065E/ADM3066E/
ADM3067E/ADM3068E feature a 1/4 unit load input
impedance that allows up to 128 transceivers on a bus. The
ADM3061E/ADM3062E/ADM3063E/ADM3064E models offer
all of the same features as the ADM3065E/ADM3066E/
ADM3067E/ADM3068E models at a low 500 kbps data rate that
is suitable for operation over long cable runs.
The ADM3061E/ADM3062E/ADM3065E/ADM3066E are half-
duplex RS-485 transceivers, fully compliant to the PROFIBUS®
standard with increased 2.1 V bus differential voltage at VCC ≥
4.5 V. The ADM3063E/ADM3064E/ADM3067E/ADM3068E
are full duplex RS-485 transceiver options.
The RS-485 transceivers are available in a number of space-
saving packages, including the 10-lead, 3 mm × 3 mm lead frame
chip-scale package (LFCSP), the 8-lead or 10-lead, 3 mm × 3 mm
mini small outline package (MSOP), and the 8-lead or 14-lead,
narrow body standard small outline packages (SOIC_N).
Models with operating temperature ranges of −40°C to +125°C
and −40°C to +85°C are available.
Excessive power dissipation caused by bus contention or by
output shorting is prevented by a thermal shutdown circuit. If a
significant temperature increase is detected in the internal driver
circuitry during fault conditions, this feature forces the driver
output into a high impedance state.
The ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E guarantee a
logic high receiver output when the receiver inputs are shorted,
open, or connected to a terminated transmission line with all
drivers disabled.
Table 2 presents an overview of the ADM3061E/ADM3062E/
ADM3063E/ADM3064E/ADM3065E/ADM3066E/ADM3067E/
ADM3068E data rate capability across temperature, power supply,
and package options. Refer to the Ordering Guide section for
model numbering.
Table 1. Generic Description Table
Device No.
Duplex
Maximum Data Rate
VIO Logic Supply Available
Temperature Range
Packages Available
ADM3061E
Half
500 kbps1
No
A grade: −40°C to +85°C
B grade: −40°C to +125°C
8-lead SOIC_N, 8-lead MSOP
ADM3062E
Half
500 kbps1
Yes
10-lead MSOP, 10-lead LFCSP
ADM3063E
Full
500 kbps1
No
14-lead SOIC_N
ADM3064E
Full
500 kbps1
Yes
14-lead SOIC_N
ADM3065E
Half
50 Mbps
No
8-lead SOIC_N, 8-lead MSOP
ADM3066E
Half
50 Mbps
Yes
10-lead MSOP, 10-lead LFCSP
ADM3067E
Full
50 Mbps
No
14-lead SOIC_N
ADM3068E
Full
50 Mbps
Yes
14-lead SOIC_N
1 Driver outputs are slew rate limited to minimize common-mode emissions over long cable runs.
Table 2. Summary of the ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/ADM3066E/ADM3067E/ADM3068E
Operating Conditions—Data Rate Capability Across Temperature, Power Supply, and Package
Maximum Data Rate1
Maximum VCC (V)
Maximum Temperature
Package Description
50 Mbps
5.5
−40°C to +125°C
10-lead LFCSP
50 Mbps
5.5
−40°C to +105°C
8-lead SOIC_N, 8-lead MSOP, 10-lead MSOP, and 14-lead SOIC_N
50 Mbps
3.6
−40°C to +125°C
8-lead SOIC_N, 8-lead MSOP, 10-lead MSOP, and 14-lead SOIC_N
500 kbps
5.5
−40°C to +125°C
8-lead SOIC_N, 8-lead MSOP, 10-lead MSOP, 10-lead LFCSP, and
14-lead SOIC_N
1 The ADM3065E/ADM3066E/ADM3067E/ADM3068E data input (DI) transmits 50 Mbps (or 500 kbps for the ADM3061E/ADM3062E/ADM3063E/ADM3064E) clock data, and
the ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/ADM3066E/ADM3067E/ADM3068E driver enable (DE) is enabled for 50% of the DI transmit time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com