Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3061EBRZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADM3061EBRZ-R7
Description  3.0 V to 5.5 V, 짹12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3061EBRZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM3061EBRZ-R7 Datasheet HTML 17Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 18Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 19Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 20Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 21Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 22Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 23Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 24Page - Analog Devices ADM3061EBRZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/ADM3066E/ADM3067E/ADM3068E
Rev. G | Page 21 of 27
TRUTH TABLES
Table 13 and Table 14 use the abbreviations shown in Table 12.
Table 12. Truth Table Abbreviations
Letter
Description
H
High level
I
Indeterminate
L
Low level
X
Any state
Z
High impedance (off )
Table 13. Transmitting Truth Table
Supply Status
Inputs
Outputs
VIO1
VCC
RE
DE
DI
A/Y
B/Z
On
On
X
H
H
H
L
On
On
X
H
L
L
H
On
On
X
L
X
Z
Z
Off
On
X
X
X
I
I
On
Off
X
X
X
Z
Z
Off
Off
X
X
X
Z
Z
1 The VIO pin is not applicable for the ADM3061E/ADM3063E/
ADM3065E/ADM3067E
Table 14. Receiving Truth Table
Supply Status
Inputs
Outputs
VIO1
VCC
A − B
RE
DE
RO
On
On
>−0.03 V
L
X
H
On
On
<−0.2 V
L
X
L
On
On
−0.2 V ≤ A – B ≤
−0.03 V
L
X
I
On
On
Inputs open/shorted
L
X
H
On
On
X
H
X
Z
On
Off
X
L
X
I
On
Off
X
H
X
Z
Off
On
X
L
X
I
Off
Off
X
X
X
I
1 The VIO pin is not applicable for the ADM3061E/ADM3063E/
ADM3065E/ADM3067E.
RECEIVER FAIL-SAFE
The ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E guarantee a
logic high receiver output when the receiver inputs are shorted,
open, or connected to a terminated transmission line with all
drivers disabled. This receiver output is achieved by setting the
receiver input threshold between −30 mV and −200 mV. If the
differential receiver input voltage (A − B) is greater than or equal
to −30 mV, the RO pin is logic high.
If the (A − B) input is less than or equal to −200 mV, the RO pin
is logic low. In the case of a shorted, open circuit or terminated bus
with all transmitters disabled, the receiver differential input
voltage is pulled to 0 V, resulting in a logic high with a 30 mV
minimum noise margin.
HOT SWAP CAPABILITY
When a circuit board is inserted into a powered (or hot)
backplane, differential disturbances to the data bus can lead to
data errors. During this period, processor logic output drivers
are high impedance and are unable to drive the DE and RE
inputs of the RS-485 transceivers to a defined logic level. Leakage
currents up to ±10 μA from the high impedance state of the
processor logic drivers can cause standard complementary
metal-oxide semiconductor (CMOS) enable inputs of a
transceiver to drift to an incorrect logic level. Additionally,
parasitic circuit board capacitance can cause coupling of VCC
or GND to the enable inputs. Without the hot swap capability,
these factors can improperly enable the driver or receiver of
the transceiver. When VCC or VIO rises, an internal pull-down
circuit holds DE low and RE high. After the initial power-up
sequence, the pull-down circuit becomes transparent, resetting
the hot swap tolerable input.
128 TRANSCEIVERS ON THE BUS
The standard RS-485 receiver input impedance is 12 kΩ
(one unit load), and the standard driver can drive up to 32 unit
loads. The ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E transceivers
have a 1/4 unit load receiver input impedance (48 kΩ), allowing
up to 128 transceivers to be connected in parallel on one
communication line. Any combination of these devices and
other RS-485 transceivers with a total of 32 unit loads or fewer
can be connected to the line.
DRIVER OUTPUT PROTECTION
The ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E feature two
methods to prevent excessive output current and power
dissipation caused by faults or by bus contention. Current-limit
protection on the output stage provides immediate protection
against short circuits over the whole common-mode voltage
range. In addition, a thermal shutdown circuit forces the driver
outputs into a high impedance state if the die temperature rises
excessively. This circuitry is designed to disable the driver
outputs when a die temperature of 150°C is reached. As the
device cools, the drivers are reenabled at a temperature of 140°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com